Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS-901-06-2 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITS-901-06-2
Description  Straight Cylindrical Plug
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS-901-06-2 Datasheet(HTML) 1 Page - Glenair, Inc.

  ITS-901-06-2 Datasheet HTML 1Page - Glenair, Inc. ITS-901-06-2 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B17
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
CAGE Code A6854
www.glenair.com - www.glenair.it
e-mail: info@glenair.it
B
ITS 901 06 - 2
Straight Cylindrical Plug
Assembly for Jacketed Cable
Modification
Omitted (for Standard)
XX (See Table 3 - Modification Codes)
Connector Backshell
2 (Jacketed Cable Clamp)
Alternative Rotation
Omitted (for Standard Version)
W: 90°(Second Polarization Key)
Series ITS 901 Multi Pole
Power Bayonet Connector
Connector Shell Style
06 (Straight Plug)
Contact Arrangement
50-2 (See Table 1 - Inserts)
Contact Gender
P (Male with Finger Test Protection-Load Side)
S (Female)
ITS 901 06 50-2 P W 2 XX
Application Notes:
- Straight Plug with backshell for jacketed cable. RoHS Compliant.
- Working voltage: 800-1000 Vac. Test voltage: 2800 - 3800 Vac 50Hz (1 min.). See Table 1 - Inserts.
- Water proof : IP67 level (coupled connectors).
- Contact resistance: 0.2 to 0.5 mΩ Max.
- Temperature range: -55 +125°C.
- Contact: copper alloy with silver plating.
- Insulator: black thermoplastic resin according with UL94V0-NFF16-102 I1 F2 (Exigency 3).
- Shells: Aluminium alloy with electrodeposited black paint.
Name
Modification
Omitted
Standard
B0
Connector Less Contacts
F7
Conductive Black Plating
MXX
Modified Contacts
M3A, M3B and M3C for 3 Contacts Type
M4A, M4B and M4C for 4 Contacts Type
TABLE 3: MODIFICATION CODES


Similar Part No. - ITS-901-06-2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-901-06-1 GLENAIR-ITS-901-06-1 Datasheet
239Kb / 2P
   Straight Cylindrical Plug
ITS-901-06-3 GLENAIR-ITS-901-06-3 Datasheet
235Kb / 2P
   Straight Cylindrical Plug
More results

Similar Description - ITS-901-06-2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-901-06-3 GLENAIR-ITS-901-06-3 Datasheet
235Kb / 2P
   Straight Cylindrical Plug
ITS-500-06 GLENAIR-ITS-500-06 Datasheet
211Kb / 2P
   Straight Cylindrical Plug
ITS-901-06G-3 GLENAIR-ITS-901-06G-3 Datasheet
232Kb / 2P
   Straight Cylindrical Plug
ITS-901-06-1 GLENAIR-ITS-901-06-1 Datasheet
239Kb / 2P
   Straight Cylindrical Plug
ITSG3106GFK GLENAIR-ITSG3106GFK Datasheet
662Kb / 2P
   Straight Cylindrical Plug Assembly
FRITS4106RG GLENAIR-FRITS4106RG Datasheet
916Kb / 2P
   Straight Cylindrical Plug Connector
ITSG3106F GLENAIR-ITSG3106F Datasheet
785Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-M GLENAIR-ITS-3106-A-M Datasheet
153Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-A-PG GLENAIR-ITS-3106-A-PG Datasheet
154Kb / 2P
   Straight Cylindrical Plug Assembly
ITS-3106-F GLENAIR-ITS-3106-F Datasheet
172Kb / 2P
   Straight Cylindrical Plug Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com