Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7308DN Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SI7308DN
Description  N-Channel 60-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7308DN Datasheet(HTML) 3 Page - Vishay Telefunken

  SI7308DN Datasheet HTML 1Page - Vishay Telefunken SI7308DN Datasheet HTML 2Page - Vishay Telefunken SI7308DN Datasheet HTML 3Page - Vishay Telefunken SI7308DN Datasheet HTML 4Page - Vishay Telefunken SI7308DN Datasheet HTML 5Page - Vishay Telefunken SI7308DN Datasheet HTML 6Page - Vishay Telefunken SI7308DN Datasheet HTML 7Page - Vishay Telefunken SI7308DN Datasheet HTML 8Page - Vishay Telefunken SI7308DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 73419
S-83051-Rev. B, 29-Dec-08
www.vishay.com
3
Vishay Siliconix
Si7308DN
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
2
4
6
8
10
12
14
16
18
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VGS = 10 thru 4 V
3 V
VDS - Drain-to-Source Voltage (V)
0.040
0.045
0.050
0.055
0.060
0.065
0.070
0.075
0.080
0
2
4
6
8
101214
1618
20
VGS = 10 V
ID - Drain Current (A)
VGS = 4.5 V
0
2
4
6
8
10
0369
12
15
VDS = 30 V
ID = 5.4 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
0
200
400
600
800
1000
0
102030405060
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V, 4.5 V
ID = 5.4 A
TJ - Junction Temperature (°C)


Similar Part No. - SI7308DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7308DN VISHAY-SI7308DN Datasheet
541Kb / 13P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI7308DN VISHAY-SI7308DN Datasheet
538Kb / 13P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7308DN-T1-E3 VISHAY-SI7308DN-T1-E3 Datasheet
541Kb / 13P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI7308DN-T1-GE3 VISHAY-SI7308DN-T1-GE3 Datasheet
541Kb / 13P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI7308DN VISHAY-SI7308DN_V01 Datasheet
538Kb / 13P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7308DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com