Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ14201EXT Datasheet(PDF) 10 Page - Texas Instruments

Part # LMZ14201EXT
Description  1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14201EXT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMZ14201EXT_15 Datasheet HTML 6Page - Texas Instruments LMZ14201EXT_15 Datasheet HTML 7Page - Texas Instruments LMZ14201EXT_15 Datasheet HTML 8Page - Texas Instruments LMZ14201EXT_15 Datasheet HTML 9Page - Texas Instruments LMZ14201EXT_15 Datasheet HTML 10Page - Texas Instruments LMZ14201EXT_15 Datasheet HTML 11Page - Texas Instruments LMZ14201EXT_15 Datasheet HTML 12Page - Texas Instruments LMZ14201EXT_15 Datasheet HTML 13Page - Texas Instruments LMZ14201EXT_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
1.8
1.9
2.0
2.1
2.2
2.3
2.4
0
5
10
15
20
25
INPUT VOLTAGE (V)
25°C
SHORT CIRCUIT
ONSET
1.8
1.9
2.0
2.1
2.2
2.3
2.4
0
10
20
30
40
50
INPUT VOLTAGE (V)
25°C
SHORT CIRCUIT
ONSET
0
0.2
0.4
0.6
0.8
1
1.2
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (°C)
36VIN
6VIN
24VIN
12VIN
VOUT = 3.3V
ÆJA = 19°C/W
3.24
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
6
42
24
12
12
24
42
6
-55°C
LMZ14201EXT
SNVS664H – JUNE 2010 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V; CIN = 10-µF X7R Ceramic; CO = 100-µF X7R Ceramic;
TA = 25°C for efficiency curves and waveforms.
Figure 26. Output Ripple
Figure 25. Line and Load Regulation at –55°C
24-VIN 3.3-VO 1-A, BW = 200 MHz
Figure 27. Transient Response
Figure 28. Thermal Derating VOUT = 3.3 V
24-VIN 3.3-VO 0.5-A to 1-A Step
Figure 29. Current Limit 1.8 VOUT at 25°C
Figure 30. Current Limit 3.3 VOUT at 25°C
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14201EXT


Similar Part No. - LMZ14201EXT_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ14201EXTTZ NSC-LMZ14201EXTTZ Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14201EXTTZ NSC-LMZ14201EXTTZ Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
LMZ14201EXTTZE NSC-LMZ14201EXTTZE Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14201EXTTZX NSC-LMZ14201EXTTZX Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
More results

Similar Description - LMZ14201EXT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT_15 Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ12002EXT TI-LMZ12002EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com