Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ12002EXT Datasheet(PDF) 1 Page - Texas Instruments

Part # LMZ12002EXT
Description  LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12002EXT Datasheet(HTML) 1 Page - Texas Instruments

  LMZ12002EXT_15 Datasheet HTML 1Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 2Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 3Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 4Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 5Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 6Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 7Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 8Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2
OUTPUT CURRENT (A)
25°C
1.8
1.2
1.5
VIN
CIN
Enable
RON
RFBT
CFF
CSS
RFBB
COUT
LMZ12002EXT
VOUT @ 2A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ12002EXT
SNVS662G – JUNE 2010 – REVISED AUGUST 2015
LMZ12002EXT 2-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage
for Demanding Environments and Rugged Applications
1 Features
2 Applications
1
Junction Temperature Range –55°C to 125°C
Point-of-load Conversions from 5-V and 12-V
Input Rail
Integrated Shielded Inductor
Time-Critical Projects
Simple PCB Layout
Space-Constrained High Thermal Requirement
Flexible Start-up Sequencing Using External Soft-
Applications
Start Capacitor and Precision Enable
Negative Output Voltage Applications (See AN-
Protection Against Inrush Currents and Faults
2027 SNVA425)
Such as Input UVLO and Output Short Circuit
Single Exposed Pad and Standard Pinout for Easy
3 Description
Mounting and Manufacturing
The LMZ12002EXT SIMPLE SWITCHER® power
Fast Transient Response for FPGAs and ASICs
module is an easy-to-use step-down DC-DC solution
Low Output Voltage Ripple
capable of driving up to 2-A load with exceptional
power conversion efficiency, line and load regulation,
Pin-to-Pin Compatible With Family Devices:
and output accuracy. The LMZ12002EXT is available
LMZ14203EXT/2EXT/1EXT (42-V Maximum 3
in an innovative package that enhances thermal
A, 2 A, 1 A)
performance
and
allows
for
hand
or
machine
LMZ14203/2/1 (42-V Maximum 3 A, 2 A, 1 A)
soldering.
LMZ12003/2/1 (20-V Maximum 3 A, 2 A, 1 A)
The LMZ12002EXT can accept an input voltage rail
Fully WEBENCH® Power Designer enabled
between 4.5 V and 20 V, and can deliver an
adjustable and highly accurate output voltage as low
Low Radiated Emissions and High Radiated
as 0.8 V. The LMZ12002EXT only requires three
Immunity
external resistors and four external capacitors to
Passes Vibration Standard MIL-STD-883 Method
complete the power solution. The LMZ12002EXT is a
2007.2 Condition A JESD22–B103B Condition 1
reliable
and
robust
design
with
the
following
Passes Drop Standard MIL-STD-883 Method
protection
features:
thermal
shutdown,
input
2002.3 Condition B JESD22–B110 Condition B
undervoltage lockout, output overvoltage protection,
short-circuit protection, output current limit, and the
Electrical Specifications
device allows start-up into a prebiased output. A
12-W Maximum Total Power Output
single resistor adjusts the switching frequency up to 1
Up to 2-A Output Current
MHz.
Input Voltage Range 4.5 V to 20 V
Device Information(1)(2)
Output Voltage Range 0.8 V to 6 V
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Efficiency up to 92%
LMZ12002EXT
NDW (7)
10.16 mm × 9.85 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Peak reflow temperature equals 245°C. See SNAA214 for
more details.
Simplified Application Schematic
Efficiency 5-V Input at 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMZ12002EXT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results

Similar Description - LMZ12002EXT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14201EXT TI-LMZ14201EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com