Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4553 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4553
Description  MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4553 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4553 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4553 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4553 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4553
URL: http://www.pasternack.com/mcx-plug-standard-rg174-rg316-rg188-connector-pe4553-p.aspx
MCX Plug Right Angle Connector Crimp/Solder
Attachment For RG174, RG316, RG188
PE4553
PE4553 REV 1.1


Similar Part No. - PE4553

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4553 PASTERNACK-PE4553 Datasheet
376Kb / 3P
   MCX Plug Right Angle Connector Crimp/Solder Attachment
PE4553 PASTERNACK-PE4553_16 Datasheet
376Kb / 3P
   MCX Plug Right Angle Connector Crimp/Solder Attachment
More results

Similar Description - PE4553

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4551 PASTERNACK-PE4551 Datasheet
261Kb / 2P
   MCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
   RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44369 PASTERNACK-PE44369 Datasheet
221Kb / 3P
   RP MCX Plug Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4562 PASTERNACK-PE4562 Datasheet
356Kb / 3P
   MCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4051 PASTERNACK-PE4051 Datasheet
285Kb / 3P
   SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4898 PASTERNACK-PE4898 Datasheet
281Kb / 3P
   MMCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
   SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44308 PASTERNACK-PE44308 Datasheet
300Kb / 2P
   MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4334 PASTERNACK-PE4334 Datasheet
269Kb / 2P
   SSMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
PE44249 PASTERNACK-PE44249 Datasheet
271Kb / 2P
   1.0/2.3 Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com