Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6430 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6430
Description  Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6430 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6430 Datasheet HTML 1Page - Micro Linear Corporation ML6430 Datasheet HTML 2Page - Micro Linear Corporation ML6430 Datasheet HTML 3Page - Micro Linear Corporation ML6430 Datasheet HTML 4Page - Micro Linear Corporation ML6430 Datasheet HTML 5Page - Micro Linear Corporation ML6430 Datasheet HTML 6Page - Micro Linear Corporation ML6430 Datasheet HTML 7Page - Micro Linear Corporation ML6430 Datasheet HTML 8Page - Micro Linear Corporation ML6430 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ML6430/ML6431
5
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 4.5 to 5.5V and TA = 0° to 70°C, CIN = 0.1µF, CREF = 0.1µF (Note 1).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Supply Current (Analog and Digital)
80
120
mA
Analog Supply Current
VCC A = VCC D = 4.5
35
mA
Digital Supply Current
Max programmed clock rates
45
mA
DIGITAL INPUTS
Low Level Input Voltage
0
0.8
V
High Level Input Voltage
VCC – 0.8
VCC
V
Low Level Input Current
VIN = 0V + 0.1V
1.0
µA
High Level Input Current
VIN = VCC D – 0.1V
1.0
µA
Input Capacitance
2pF
TTL INPUTS (HSYNC, VSYNC)
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
THREE STATE DIGITAL INPUTS
Low Level Input Voltage
0
0.8
V
High Level Input Voltage
VCC – 0.8
V
Low Level Input Current
VIN = 0V
50
150
µA
High Level Input Current
VIN = VCC D
50
150
µA
Input Capacitance
2pF
Mid Level Input Voltage with 5V Supply
2
3
V
DIGITAL OUTPUTS
Low Level Output Voltage
0
0.5
V
High Level Output Voltage
VCC – 0.5
V
CLOAD : Output Capacitance
50
pF
Output Disable Leakage
10
µA
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
DC Supply Voltage (VCC A & VCC D) ............. –0.3V to 7V
Analog & Digital Inputs/Outputs ... –0.3V to VCC A + 0.3V
Input current per pin ............................................. ±25mA
Storage Temperature ............................... – 65°C to 150°C
Junction Temperature .............................................. 125°C
OPERATING CONDITIONS
Supply Range ............................................... 4.5V to 5.5V
Temperature Range ....................................... 0°C to 70°C
Thermal Resistance ............................................. 80°C/W


Similar Part No. - ML6430

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML643RAU111MLZ COILCRAFT-ML643RAU111MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU151MLZ COILCRAFT-ML643RAU151MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU201MLZ COILCRAFT-ML643RAU201MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU251MLZ COILCRAFT-ML643RAU251MLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
ML643RAU33NMLZ COILCRAFT-ML643RAU33NMLZ Datasheet
600Kb / 3P
   High-Reliability Air Core Inductors
More results

Similar Description - ML6430

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
   NTSC/PAL AUDIO CLOCK
logo
List of Unclassifed Man...
CH7001C ETC-CH7001C Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
logo
Integrated Circuit Syst...
MK2712 ICST-MK2712 Datasheet
56Kb / 4P
   NTSC/PAL Clock Source
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
logo
Integrated Circuit Syst...
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
   NTSC/PAL Clock Source
logo
Renesas Technology Corp
MK2712 RENESAS-MK2712 Datasheet
237Kb / 5P
   NTSC/PAL Clock Source
092104
logo
NXP Semiconductors
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
List of Unclassifed Man...
CH7002D ETC-CH7002D Datasheet
199Kb / 36P
   Scalable VGA to NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
   DIGITAL NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com