Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

805-003-01 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 805-003-01
Description  Mighty Mouse Triple-Start
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

805-003-01 Datasheet(HTML) 1 Page - Glenair, Inc.

  805-003-01 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
W-27
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
W
Dimensions
Shell
Size
Ø A
B
C Threads
Ø D
E Threads
Accessory
In.
mm.
In.
mm.
In.
mm.
8
.540
13.72
.510
12.95
.5000-.1P-.3L-TS-2A
.316
8.05
.3750-32 UNEF-2A
9
.605
15.37
.575
14.61
.5625-.1P-.3L-TS-2A
.397 10.08
.4375-28 UNEF-2A
10
.668 16.96 .638
16.21
.6250-.1P-.3L-TS-2A
.472
12.01
.5000-28 UNEF-2A
11
.730
18.54 .700
17.78
.6875-.1P-.3L-TS-2A
.519
13.18
.5625-24 UNEF-2A
12
.793
20.14
.763
19.38
.7500-.1P-.3L-TS-2A
.585 14.86
.6250-24 UNEF-2A
15
.980 24.89 .950
24.13
.9375-.1P-.3L-TS-2A
.687
17.45
.7500-20 UNEF-2A
18
1.165 29.59 1.135 28.83
1.1250-.1P-.3L-TS-2A
.884 22.45
.9375-20 UNEF-2A
19
1.235 31.37 1.205 30.61
1.1875-.1P-.3L-TS-2A
.884 22.45
.9375-20 UNEF-2A
23
1.485 37.72 1.455 36.96
1.4375-.1P-.3L-TS-2A
1.134 28.80
1.1875-18 UNEF-2A
Series 805 Mighty Mouse Triple-Start
In-line Receptacle
805-003-01 and 805-004-01 Dimensions
Materials and Finishes
Connector Shell
Aluminum or Stainless Steel
Insulator
Liquid Crystal Polymer (LCP)
Seals
Fluorosilicone Rubber, Blue
Pin Contact
Copper Alloy, Gold over Nickel Plating
Socket Contact
Copper Alloy, Gold over Nickel Plating, with SST Hood
Contact Retainer Clip
Copper alloy, Unplated
Performance Specifications
DWV
23 500 VAC Sea level, 20HD 750 VAC, 12 AND 16 1800 VAC
Insulation Resistance
5000 Megohms Minimum
Operating Temperature
-55° C. to +150° C.
Immersion, Mated
MIL-STD-810 Method 512. One Meter for One Hour.
EMI
65 dB Minimum from 1 GHz. to 10 GHz.
MASTER
KEYWAY
ø A
B FLAT
.430
(10.92)
.430
(10.92)
E THREAD
RECEPTACLE WITH
INTEGRAL BAND
PLATFORM
805-003-01
RECEPTACLE WITH
ACCESSORY THREAD
805-004-01
.060
(1.52)
1.030 (26.16)
MAX
MAX
RED FULL MATE
INDICATOR BAND
C
THREAD
C
THREAD
.060
(1.52)
1.030 (26.16)
MAX
MAX
.150 (3.81)
MAX
.150 (3.81)
MAX
ø D
RED FULL MATE
INDICATOR BAND
*Grommet protrudes for
power/combo arrangements
*
*
In-line cable receptacle - shell style 01


Similar Part No. - 805-003-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
805-003-01C10-13PA GLENAIR-805-003-01C10-13PA Datasheet
490Kb / 4P
   Receptacles
805-003-01C10-13SA GLENAIR-805-003-01C10-13SA Datasheet
490Kb / 4P
   Receptacles
805-003-01C11-4PA GLENAIR-805-003-01C11-4PA Datasheet
490Kb / 4P
   Receptacles
805-003-01C11-4SA GLENAIR-805-003-01C11-4SA Datasheet
490Kb / 4P
   Receptacles
805-003-01C8-1PA GLENAIR-805-003-01C8-1PA Datasheet
490Kb / 4P
   Receptacles
More results

Similar Description - 805-003-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
805-003-02 GLENAIR-805-003-02 Datasheet
179Kb / 1P
   Mighty Mouse Triple-Start
805-003-07 GLENAIR-805-003-07 Datasheet
185Kb / 1P
   Mighty Mouse Triple-Start
805-003-12-22 GLENAIR-805-003-12-22 Datasheet
212Kb / 1P
   Mighty Mouse Triple-Start
805-001-16 GLENAIR-805-001-16 Datasheet
210Kb / 1P
   Mighty Mouse Triple-Start Plug
805-057 GLENAIR-805-057 Datasheet
186Kb / 1P
   Mighty Mouse Triple-Start ACME Thread
805-009 GLENAIR-805-009 Datasheet
124Kb / 1P
   Mighty Mouse Triple-Start ACME Thread
805-011 GLENAIR-805-011 Datasheet
224Kb / 1P
   Mighty Mouse Triple-Start ACME Thread
805-006 GLENAIR-805-006 Datasheet
168Kb / 1P
   Mighty Mouse Triple-Start ACME Thread
805-109 GLENAIR-805-109 Datasheet
157Kb / 1P
   Mighty Mouse Triple-Start ACME Thread
805-015 GLENAIR-805-015 Datasheet
124Kb / 1P
   Mighty Mouse Triple-Start ACME Thread
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com