Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9970-0906 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S9970-0906
Description  CCD area image sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9970-0906 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S9970-0906_15 Datasheet HTML 1Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 2Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 3Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 4Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 5Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 6Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 7Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 8Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CCD area image sensor
S9970/S9971 series
2
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating temperature
Topr
-50
-
+50
°C
Storage temperature
Tstg
-50
-
+70
°C
Output transistor drain voltage
VOD
-0.5
-
+25
V
Reset drain voltage
VRD
-0.5
-
+18
V
Test point (vertical input source)
VISV
-0.5
-
+18
V
Test point (horizontal input source)
VISH
-0.5
-
+18
V
Test point (vertical input gate)
VIG1V, VIG2V
-15
-
+15
V
Test point (horizontal input gate)
VIG1H, VIG2H
-15
-
+15
V
Summing gate voltage
VSG
-15
-
+15
V
Output gate voltage
VOG
-15
-
+15
V
Reset gate voltage
VRG
-15
-
+15
V
Transfer gate voltage
VTG
-15
-
+15
V
Vertical shift register clock voltage
VP1V, VP2V
-15
-
+15
V
Horizontal shift register clock voltage
VP1H, VP2H
-15
-
+15
V
s Operating conditions (MPP mode, Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Output transistor drain voltage
VOD
18
20
22
V
Reset drain voltage
VRD
11.5
12
12.5
V
Output gate voltage
VOG
1
3
5
V
Substrate voltage
VSS
-
0
-
V
Test point (vertical input source)
VISV
-
VRD
-
V
Test point (horizontal input source)
VISH
-
VRD
-
V
Test point (vertical input gate)
VIG1V, VIG2V
-8
0
-
V
Test point (horizontal input gate)
VIG1H, VIG2H
-8
0
-
V
High
VP1VH, VP2VH
0
4
6
Vertical shift register
clock voltage
Low
VP1VL, VP2VL
-9
-8
-7
V
High
VP1HH, VP2HH
0
4
6
Horizontal shift register
clock voltage
Low
VP1HL, VP2HL
-9
-8
-7
V
High
VSGH
0
4
6
Summing gate voltage
Low
VSGL
-9
-8
-7
V
High
VRGH
0
4
6
Reset gate voltage
Low
VRGL
-9
-8
-7
V
High
VTGH
0
4
6
Transfer gate voltage
Low
VTGL
-9
-8
-7
V
External load resistance
RL
20
22
24
k
s Electrical characteristics (Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Signal output frequency
fc
-
0.1
1
MHz
S9970/S9971-0906
-
750
-
S9970/S9971-1006
-
1500
-
S9970/S9971-1007
-
3000
-
Vertical shift register
capacitance
S9970/S9971-1008
CP1V, CP2V
-
6000
-
pF
S9970/S9971-0906
-
100
-
S9970/S9971-1006
-
180
-
S9970/S9971-1007
-
180
-
Horizontal shift register
capacitance
S9970/S9971-1008
CP1H, CP2H
-
180
-
pF
Summing gate capacitance
CSG
-
7
-
pF
Reset gate capacitance
CRG
-
7
-
pF
S9970/S9971-0906
-
60
-
S9970/S9971-1006
-
100
-
S9970/S9971-1007
-
100
-
Transfer gate
capacitance
S9970/S9971-1008
CTG
-
100
-
pF
Transfer efficiency*2
CTE
0.99995
0.99999
-
-
DC output level
Vout
12
15
18
V
Output impedance
Zo
-
5
-
k
Power dissipation*3
P
-
15
-
mW
*2: Charge transfer efficiency per pixel, measured at half of the full well capacity
*3: Power dissipation of the on-chip amplifier plus load resistance


Similar Part No. - S9970-0906_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9970-0906 HAMAMATSU-S9970-0906 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S9970-0906 HAMAMATSU-S9970-0906 Datasheet
480Kb / 11P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
More results

Similar Description - S9970-0906_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5340C TOSHIBA-TCD5340C Datasheet
619Kb / 14P
   CCD AREA IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com