Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9970-0906 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S9970-0906
Description  CCD area image sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9970-0906 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S9970-0906_15 Datasheet HTML 1Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 2Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 3Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 4Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 5Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 6Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 7Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 8Page - Hamamatsu Corporation S9970-0906_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CCD area image sensor
S9970/S9971 series
s Device structure (conceptual drawing of top view in dimensional outlines)
......
......
V
1H
IG1V IG2V ISV
SS
RG
RD
OS
OD
OG
SG
1
2
3
45
6
20
23
22
24
16
15
V=60, 124, 252
H=512, 1024
ISH
IG1H
IG2H
P1H
P2H
13
12
11
10
9
4 blank pixels
4 blank pixels
4 optical
black pixels
4 optical
black pixels
512 or 1024
signal out
2 isolation pixels
2 isolation pixels
TG
P1V
14
P2V
Pixel format
Left
← Horizontal Direction → Right
Blank
Optical Black
Isolation
Effective
Isolation
Optical Black
Blank
4
4
2
512 or 1024
2
4
4
Top
← Vertical Direction → Bottom
Isolation
Effective
Isolation
2
60, 124 or 252
2
KMPDC0015EC
4
s Dark current vs. temperature
100
10
1
0.1
0.01
-50
-30
-40
-20
-10
0
Temperature (˚C)
10
20
(Typ.)
KMPDB0305EA
s Window material
Type No.
Window material
S9970 series
Quartz glass*13
(option: window-less)
S9971-0906/-1006/-1007
Sapphire*14
(option: window-less)
S9971-1008
AR-coated sapphire*14
(option: window-less)
*13: Resin sealing
*14: Hermetic sealing


Similar Part No. - S9970-0906_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9970-0906 HAMAMATSU-S9970-0906 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S9970-0906 HAMAMATSU-S9970-0906 Datasheet
480Kb / 11P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
More results

Similar Description - S9970-0906_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5340C TOSHIBA-TCD5340C Datasheet
619Kb / 14P
   CCD AREA IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com