Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10226-10 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S10226-10
Description  CMOS linear image sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10226-10 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S10226-10_15 Datasheet HTML 1Page - Hamamatsu Corporation S10226-10_15 Datasheet HTML 2Page - Hamamatsu Corporation S10226-10_15 Datasheet HTML 3Page - Hamamatsu Corporation S10226-10_15 Datasheet HTML 4Page - Hamamatsu Corporation S10226-10_15 Datasheet HTML 5Page - Hamamatsu Corporation S10226-10_15 Datasheet HTML 6Page - Hamamatsu Corporation S10226-10_15 Datasheet HTML 7Page - Hamamatsu Corporation S10226-10_15 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CMOS linear image sensor
Small, resin-sealed CMOS image sensor
www.hamamatsu.com
S10226-10
1
Absolute maximum ratings
Structure
Parameter
Symbol
Condition
Value
Unit
Supply voltage
Vdd
Ta=25 °C
-0.3 to +6
V
Gain selection terminal voltage
Vg
Ta=25 °C
-0.3 to +6
V
Clock pulse voltage
V(CLK)
Ta=25 °C
-0.3 to +6
V
Start pulse voltage
V(ST)
Ta=25 °C
-0.3 to +6
V
Operating temperature*1
Topr
-25 to +85
°C
Storage temperature*1
Tstg
-25 to +85
°C
Reflow soldering conditions*2
Tsol
Peak temperature 260 °C, 3 times (See P.7)
-
*
1: No condensation
*
2: JEDEC level 2a
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Parameter
Specification
Unit
Number of pixels
1024
-
Pixel pitch
7.8
μm
Pixel height
125
μm
Photosensitive area length
7.9872
mm
Package
Glass epoxy
-
Seal material
Silicone resin
-
The S10226-10 is a resin-sealed CMOS linear image sensor to offer compact size and high cost-performance compared to
our previous product (S9226 series).
Compact and high cost-performance
Surface mount type package: 2.4 × 9.1 × 1.6t mm
Pixel pitch: 7.8 μm
Pixel height: 125 μm
1024 pixels
Single 3.3 V power supply operation
Spectral response range: 400 to 1000 nm
Video data rate: 200 kHz max.
Built-in timing generator allows operation with only
Start and Clock pulse inputs.
High sensitivity, low dark current, low noise
On-chip charge amplifier with excellent input/output
characteristics
Features
Barcode readers
Displacement meters
Refractometers
Interferometers
Miniature spectrometers
Applications


Similar Part No. - S10226-10_15

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S1022 BOTHHAND-S1022 Datasheet
52Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
S1022 BOTHHAND-S1022 Datasheet
73Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
Switchcraft, Inc.
S10221 SWITCH-S10221 Datasheet
173Kb / 3P
   MOUNTING HARDWARE
logo
Hamamatsu Corporation
S10227 HAMAMATSU-S10227 Datasheet
282Kb / 4P
   CMOS linear image sensor Small plastic package CMOS image sensor
S10227-10 HAMAMATSU-S10227-10_15 Datasheet
450Kb / 7P
   CMOS linear image sensor
More results

Similar Description - S10226-10_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
S10077 HAMAMATSU-S10077_15 Datasheet
263Kb / 8P
   CMOS linear image sensor
S11108 HAMAMATSU-S11108 Datasheet
1Mb / 9P
   CMOS linear image sensor
S11639-01 HAMAMATSU-S11639-01_15 Datasheet
885Kb / 8P
   CMOS linear image sensor
S11638 HAMAMATSU-S11638_15 Datasheet
470Kb / 8P
   CMOS linear image sensor
S11639 HAMAMATSU-S11639 Datasheet
399Kb / 8P
   CMOS linear image sensor
S12706 HAMAMATSU-S12706_15 Datasheet
594Kb / 8P
   CMOS linear image sensor
S12443 HAMAMATSU-S12443_15 Datasheet
797Kb / 10P
   CMOS linear image sensor
S10227-10 HAMAMATSU-S10227-10_15 Datasheet
450Kb / 7P
   CMOS linear image sensor
S11108 HAMAMATSU-S11108_15 Datasheet
401Kb / 9P
   CMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com