Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11106-10 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S11106-10
Description  CMOS linear image sensors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11106-10 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S11106-10_15 Datasheet HTML 1Page - Hamamatsu Corporation S11106-10_15 Datasheet HTML 2Page - Hamamatsu Corporation S11106-10_15 Datasheet HTML 3Page - Hamamatsu Corporation S11106-10_15 Datasheet HTML 4Page - Hamamatsu Corporation S11106-10_15 Datasheet HTML 5Page - Hamamatsu Corporation S11106-10_15 Datasheet HTML 6Page - Hamamatsu Corporation S11106-10_15 Datasheet HTML 7Page - Hamamatsu Corporation S11106-10_15 Datasheet HTML 8Page - Hamamatsu Corporation S11106-10_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CMOS linear image sensors
S11106-10, S11107-10
4
Output waveform of one pixel
GND
[f(CLK)=VR=10 MHz]
0.8 V (output offset voltage)
2.8 V (saturation output voltage=2.0 V)
GND
CLK
Video
5 V/div.
1 V/div.
20 ns/div.
GND
0.8 V (output offset voltage)
4.8 V (saturation output voltage=4.0 V)
GND
CLK
Video
[f(CLK)=VR=10 MHz]
5 V/div.
20 ns/div.
1 V/div.
5 V/div.
20 ns/div.
1 V/div.
The timing for acquiring the Video signal is synchronized with the rising edge of CLK (See red arrow below).
S11106-10
Vdd=3 V
Vdd=5 V


Similar Part No. - S11106-10_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
   CMOS linear image sensors
S11108 HAMAMATSU-S11108 Datasheet
1Mb / 9P
   CMOS linear image sensor
S11108 HAMAMATSU-S11108_15 Datasheet
401Kb / 9P
   CMOS linear image sensor
More results

Similar Description - S11106-10_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
   CMOS linear image sensors
S10453 HAMAMATSU-S10453_15 Datasheet
276Kb / 7P
   CMOS linear image sensors
S10121 HAMAMATSU-S10121_15 Datasheet
387Kb / 13P
   CMOS linear image sensors
S8377 HAMAMATSU-S8377_15 Datasheet
847Kb / 7P
   CMOS linear image sensors
S9227 HAMAMATSU-S9227_15 Datasheet
384Kb / 8P
   CMOS linear image sensors
S9226 HAMAMATSU-S9226_15 Datasheet
1,000Kb / 9P
   CMOS linear image sensors
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
   CMOS Image Sensors
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01_15 Datasheet
424Kb / 8P
   CCD linear image sensors
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
S10226-10 HAMAMATSU-S10226-10_15 Datasheet
540Kb / 8P
   CMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com