Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11638 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S11638
Description  CMOS linear image sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11638 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S11638_15 Datasheet HTML 1Page - Hamamatsu Corporation S11638_15 Datasheet HTML 2Page - Hamamatsu Corporation S11638_15 Datasheet HTML 3Page - Hamamatsu Corporation S11638_15 Datasheet HTML 4Page - Hamamatsu Corporation S11638_15 Datasheet HTML 5Page - Hamamatsu Corporation S11638_15 Datasheet HTML 6Page - Hamamatsu Corporation S11638_15 Datasheet HTML 7Page - Hamamatsu Corporation S11638_15 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CMOS linear image sensor
S11638
3
Spectral response (typical example)
Block diagram
KMPDB0354EA
KMPDC0398EA
Wavelength (nm)
200
400
600
800
1000
0
20
40
60
80
100
(Ta=25 °C)
Amp array
Bias
generator
Hold circuit
Photodiode array
Shift register
Timing
generator
Trig
Video
Vdd
EOS
CLK
ST
1 12
Vss
2 11
13
15
23
3
24


Similar Part No. - S11638_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11639 HAMAMATSU-S11639 Datasheet
399Kb / 8P
   CMOS linear image sensor
S11639-01 HAMAMATSU-S11639-01_15 Datasheet
885Kb / 8P
   CMOS linear image sensor
More results

Similar Description - S11638_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
S10226-10 HAMAMATSU-S10226-10_15 Datasheet
540Kb / 8P
   CMOS linear image sensor
S10077 HAMAMATSU-S10077_15 Datasheet
263Kb / 8P
   CMOS linear image sensor
S11108 HAMAMATSU-S11108 Datasheet
1Mb / 9P
   CMOS linear image sensor
S11639-01 HAMAMATSU-S11639-01_15 Datasheet
885Kb / 8P
   CMOS linear image sensor
S11639 HAMAMATSU-S11639 Datasheet
399Kb / 8P
   CMOS linear image sensor
S12706 HAMAMATSU-S12706_15 Datasheet
594Kb / 8P
   CMOS linear image sensor
S12443 HAMAMATSU-S12443_15 Datasheet
797Kb / 10P
   CMOS linear image sensor
S10227-10 HAMAMATSU-S10227-10_15 Datasheet
450Kb / 7P
   CMOS linear image sensor
S11108 HAMAMATSU-S11108_15 Datasheet
401Kb / 9P
   CMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com