Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11963-01CR Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S11963-01CR
Description  Distance area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11963-01CR Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S11963-01CR_15 Datasheet HTML 1Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 2Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 3Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 4Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 5Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 6Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 7Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 8Page - Hamamatsu Corporation S11963-01CR_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Distance area image sensor
S11963-01CR
4
VTX enable
VTX enable
mclk
ext_res
dis_read
vst
hst
VTX1, 2, 3
Pulsed light
reset
tlp(VTX1)
thp(VTX1)
tpi(VTX)
tlp(VTX3)
KMPDC0444BA
VTX1
VTX2
VTX3
tlp(VTX2)
thp(VTX2)
thp(VTX3)
t2
t3
t1
t7
t4
2N
1
1 (1H)
128 (1H)
128 (1H)
N (1H)
2 (1H)
1 (1H)
128
128
129
129
t5t6
t11
t8 t9 t10
t15
t19
t20
t12 t13t14
thp(ext_res)
t16 (reset level readout time)
t18 (integration signal readout time)
t17
(integration time)
reset
mclk
dclk
Vout1
Vout2
0.1 V
tr(reset)
tf(reset)
tr(hst)
tf(hst)
tr(mclk)
tf(mclk)
tr(vst)
tf(vst)
tf(Vout)
tr(Vout)
td(vout)
td(oe)
tr(oe)
tf(oe)
tr(dclk)
tf(dclk)
td(dclk)
vst
hst
mclk
tr(ext_res)
tf(ext_res)
ext_res
oe
mclk
KMPDC0444EB
KMPDC0445EA
Timing chart
Frame timing


Similar Part No. - S11963-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11961-01CR HAMAMATSU-S11961-01CR_15 Datasheet
239Kb / 9P
   Distance linear image sensor
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
More results

Similar Description - S11963-01CR_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11962-01CR HAMAMATSU-S11962-01CR_15 Datasheet
281Kb / 10P
   Distance area image sensor
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com