Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4831 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4831
Description  Electronic Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4831 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4831 Datasheet HTML 1Page - Micro Linear Corporation ML4831 Datasheet HTML 2Page - Micro Linear Corporation ML4831 Datasheet HTML 3Page - Micro Linear Corporation ML4831 Datasheet HTML 4Page - Micro Linear Corporation ML4831 Datasheet HTML 5Page - Micro Linear Corporation ML4831 Datasheet HTML 6Page - Micro Linear Corporation ML4831 Datasheet HTML 7Page - Micro Linear Corporation ML4831 Datasheet HTML 8Page - Micro Linear Corporation ML4831 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ML4831
2
PIN CONFIGURATION
PIN# NAME
FUNCTION
PIN# NAME
FUNCTION
1
EA OUT
PFC Error Amplifier output and
compensation node
2
IA OUT
Output and compensation node of the
PFC average current transconductance
amplifier.
3
I(SINE)
PFC gain modulator input.
4
IA+
Non-inverting input of the PFC
average current transconductance
amplifier and peak current sense point
of the PFC cycle by cycle current limit
comparator.
5
LAMP F.B.
Inverting input of an Error Amplifier
used to sense (and regulate) lamp arc
current. Also the input node for
dimming control.
6
LFB OUT
Output from the Lamp Current Error
Transconductance Amplifier used for
lamp current loop compensation
7
R(SET)
External resistor which sets oscillator
FMAX, and R(X)/C(X) charging current
PIN DESCRIPTION
8
R(T)C(T)
Oscillator timing components
9
INTERRUPT Input used for lamp-out detection and
restart. A voltage greater than 7.5 volts
resets the chip and causes a restart
after a programmable interval.
10 R(X)/C(X)
Sets the timing for the preheat,
dimming lockout, and interrupt
11 GND
Ground
12 P GND
Power ground for the IC
13 OUT B
Ballast MOSFET drive output
14 OUT A
Ballast MOSFET drive output
15 PFC OUT
Power Factor MOSFET drive output
16 VCC
Positive Supply for the IC
17 VREF
Buffered output for the 7.5V voltage
reference
18 EA–/OVP
Inverting input to PFC error amplifier
and OVP comparator input
ML4831
18-Pin DIP (P18)
EA OUT
IA OUT
I(SINE)
IA+
LAMP F.B.
LFB OUT
R(SET)
R(T)/C(T)
INTERRUPT
EA–/OVP
VREF
VCC
PFC OUT
OUT A
OUT B
P GND
GND
R(X)/C(X)
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
TOP VIEW


Similar Part No. - ML4831

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-G TRIQUINT-ML483-G Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
ML483-PCB TRIQUINT-ML483-PCB Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
ML483-PCB TRIQUINT-ML483-PCB Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
More results

Similar Description - ML4831

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
   Electronic Dimming Ballast Controller
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
   Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
   Electronic Dimming Ballast Controller
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
   Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
   Compact Fluorescent Electronic Dimming Ballast Controller
logo
JILIN SINO-MICROELECTRO...
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
   Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
   Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
   Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
   Electronic ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com