Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHFZ48L Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIHFZ48L
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIHFZ48L Datasheet(HTML) 1 Page - Vishay Telefunken

  SIHFZ48L Datasheet HTML 1Page - Vishay Telefunken SIHFZ48L Datasheet HTML 2Page - Vishay Telefunken SIHFZ48L Datasheet HTML 3Page - Vishay Telefunken SIHFZ48L Datasheet HTML 4Page - Vishay Telefunken SIHFZ48L Datasheet HTML 5Page - Vishay Telefunken SIHFZ48L Datasheet HTML 6Page - Vishay Telefunken SIHFZ48L Datasheet HTML 7Page - Vishay Telefunken SIHFZ48L Datasheet HTML 8Page - Vishay Telefunken SIHFZ48L Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRFZ48S, IRFZ48L, SiHFZ48S, SiHFZ48L
www.vishay.com
Vishay Siliconix
S15-1659-Rev. D, 20-Jul-15
1
Document Number: 90377
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
FEATURES
• Advanced process technology
• Surface mount (IRFZ48S, SiHFZ48S)
• Low-profile through-hole (IRFZ48L, SiHFZ48L)
• 175 °C operating temperature
•Fast switching
• Material
categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
DESCRIPTION
Third generation power MOSFETs from Vishay utilize
advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
Power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a
wide variety of applications.
The D2PAK is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest
power
capability
and
the
lowest
possible
on-resistance in any existing surface mount package. The
D2PAK is suitable for high current applications because of
its low internal connection resistance and can dissipate up
to 2 W in a typical surface mount application.
The through-hole version (IRFZ48L, SiHFZ48L) is available
for low-profile applications.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, Starting TJ = 25 °C, L = 22 μH, Rg = 25 , IAS = 72 A (see fig. 12).
c. ISD  72 A, dI/dt  200 A/μs, VDD  VDS, TJ  175 °C.
d. 1.6 mm from case.
e. Uses IRFZ48, SiHFZ48 data and test conditions.
f. Calculated continuous current based on maximum allowable junction temperature.
PRODUCT SUMMARY
VDS (V)
60
RDS(on) ()VGS = 10 V
0.018
Qg (Max.) (nC)
110
Qgs (nC)
29
Qgd (nC)
36
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
G
D
S
Available
Available
ORDERING INFORMATION
Package
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free and halogen-free
SiHFZ48S-GE3
SiHFZ48L-GE3
Lead (Pb)-free
IRFZ48SPbF
-
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current f
VGS at 10 V
TC = 25 °C
ID
50
A
TC = 100 °C
50
Pulsed Drain Current a, e
IDM
290
Linear Derating Factor
1.3
W/°C
Single Pulse Avalanche Energy b, e
EAS
100
mJ
Maximum Power Dissipation
TC = 25 °C
PD
190
W
TA = 25 °C
3.7
Peak Diode Recovery dV/dt c, e
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
Soldering Recommendations (Peak temperature) d
for 10 s
300


Similar Part No. - SIHFZ48L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFZ48L VISHAY-SIHFZ48L Datasheet
1,000Kb / 8P
   Power MOSFET
Rev. A, 23-Jul-08
SIHFZ48L VISHAY-SIHFZ48L Datasheet
357Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
SIHFZ48L VISHAY-SIHFZ48L Datasheet
437Kb / 11P
   Power MOSFET
01-Jan-2022
SIHFZ48L-E3 VISHAY-SIHFZ48L-E3 Datasheet
1,000Kb / 8P
   Power MOSFET
Rev. A, 23-Jul-08
SIHFZ48L-E3 VISHAY-SIHFZ48L-E3 Datasheet
357Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
More results

Similar Description - SIHFZ48L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com