Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS56428 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS56428
Description  TPS56428 4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56428 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS56428_15 Datasheet HTML 5Page - Texas Instruments TPS56428_15 Datasheet HTML 6Page - Texas Instruments TPS56428_15 Datasheet HTML 7Page - Texas Instruments TPS56428_15 Datasheet HTML 8Page - Texas Instruments TPS56428_15 Datasheet HTML 9Page - Texas Instruments TPS56428_15 Datasheet HTML 10Page - Texas Instruments TPS56428_15 Datasheet HTML 11Page - Texas Instruments TPS56428_15 Datasheet HTML 12Page - Texas Instruments TPS56428_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
(
)
IN
OUT
OUT
OUT(LL)
SW
IN
V
V
V
1
I
=
2
L
V
-
´
´
´
´ f
TPS56428
www.ti.com
SLVSBV4B – APRIL 2013 – REVISED OCTOBER 2015
Feature Description (continued)
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off after internal one
shot timer expires. This one shot is set by the converter input voltage, VIN, and the output voltage, VO, to
maintain a pseudo-fixed frequency over the input voltage range, hence it is called adaptive on-time control. The
one-shot timer is reset and the high-side MOSFET is turned on again when the feedback voltage falls below the
reference voltage. An internal ramp is added to reference voltage to simulate output ripple, eliminating the need
for ESR induced output ripple from D-CAP2™ mode control.
8.3.2 PWM Frequency and Adaptive On-Time Control
TPS56428 uses an adaptive on-time control scheme and does not have a dedicated on board oscillator. The
TPS56428 runs with a pseudo-constant frequency of 650 kHz by using the input voltage and output voltage to
set the on-time one-shot timer. The on-time is inversely proportional to the input voltage and proportional to the
output voltage, therefore, when the duty ratio is VOUT/VIN, the frequency is constant.
8.3.3 Advanced Auto-Skip Eco-mode™ Control
The TPS56428 is designed with advanced auto-skip Eco-mode™ to increase higher light load efficiency. As the
output current decreases from heavy load condition, the inductor current is also reduced. If the output current is
reduced enough, the inductor current ripple valley reaches the zero level, which is the boundary between
continuous conduction and discontinuous conduction modes. The rectifying low-side MOSFET is turned off when
its zero inductor current is detected. As the load current further decreases the converter run into discontinuous
conduction mode. The on-time is kept approximately the same as is in continuous conduction mode. The off-time
increases as it takes more time to discharge the output capacitor to the level of the reference voltage with
smaller load current. The transition point to the light load operation IOUT(LL) current can be calculated in
Equation 1.
(1)
8.3.4 Soft Start and Pre-Biased Soft Start
The TPS56428 has an internal 1.0ms soft-start. When the EN pin becomes high, internal soft-start function
begins ramping up the reference voltage to the PWM comparator.
The TPS56428 contains a unique circuit to prevent current from being pulled from the output during startup if the
output is pre-biased. When the soft-start commands a voltage higher than the pre-bias level (internal soft start
becomes greater than feedback voltage VFB), the controller slowly activates synchronous rectification by starting
the first low side FET gate driver pulses with a narrow on-time. It then increments that on-time on a cycle-by-
cycle basis until it coincides with the time dictated by (1-D), where D is the duty cycle of the converter. This
scheme prevents the initial sinking of the pre-bias output, and ensure that the out voltage (VO) starts and ramps
up smoothly into regulation and the control loop is given time to transition from pre-biased start-up to normal
mode operation.
8.4 Device Functional Modes
8.4.1 Power Good
The power-good function is activated after soft start has finished. The power good function becomes active after
1.7 times soft-start time. When the output voltage becomes within –10% of the target value, internal comparators
detect power good state and the power good signal becomes high. The power good output, PG is an open drain
output. If the feedback voltage goes under 15% of the target value, the power good signal becomes low.
8.4.2 Output Discharge Control
TPS56428 discharges the output via SW pin when EN is low, or the controller is turned off by the protection
functions(UVP, UVLO and thermal shutdown). The internal regular low-side MOSFET is not turned on during the
output discharge operation to avoid the possibility of causing negative voltage at the output
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS56428


Similar Part No. - TPS56428_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56428 TI1-TPS56428_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
More results

Similar Description - TPS56428_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56428 TI1-TPS56428_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS54328 TI1-TPS54328_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS56428 TI-TPS56428 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS54528 TI-TPS54528_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com