Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIE832DF Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIE832DF
Description  N-Channel 40-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIE832DF Datasheet(HTML) 1 Page - Vishay Telefunken

  SIE832DF Datasheet HTML 1Page - Vishay Telefunken SIE832DF Datasheet HTML 2Page - Vishay Telefunken SIE832DF Datasheet HTML 3Page - Vishay Telefunken SIE832DF Datasheet HTML 4Page - Vishay Telefunken SIE832DF Datasheet HTML 5Page - Vishay Telefunken SIE832DF Datasheet HTML 6Page - Vishay Telefunken SIE832DF Datasheet HTML 7Page - Vishay Telefunken SIE832DF Datasheet HTML 8Page - Vishay Telefunken SIE832DF Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
SiE832DF
Document Number: 74414
S09-1338-Rev. C, 13-Jul-09
www.vishay.com
1
N-Channel 40-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
Ultra Low Thermal Resistance Using Top-
Exposed PolarPAK® Package for Double-
Sided Cooling
Leadframe-Based New Encapsulated Package
- Die Not Exposed
- Same Layout Regardless of Die Size
Low Qgd/Qgs Ratio Helps Prevent Shoot-Through
100 % Rg and UIS Tested
Compliant to RoHS directive 2002/95/EC
APPLICATIONS
•VRM
Point-of-Load
Synchronous Rectification
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
Silicon
Limit
Package
Limit
40
0.0055 at VGS = 10 V
103
50
25 nC
0.007 at VGS = 4.5 V
91
50
Package Drawing
www.vishay.com/doc?73398
Ordering Information: SiE832DF-T1-E3 (Lead (Pb)-free)
SiE832DF-T1-GE3 (Lead (Pb)-free and Halogen-free)
Top View
Bottom View
Top surface is connected to pins 1, 5, 6, and 10
10
D
S
S
G
D
D
S
S
G
D
PolarPAK
1
43
2
5
67
8
9
D
DS
G
D
5
4
3
2
1
6
7
8
9
10
For Related Documents
www.vishay.com/ppg?74414
N-Channel MOSFET
G
D
S
Notes:
a. Package limited is 50 A.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile
(www.vishay.com/doc?73257). The PolarPAK is a leadless package. The end of the lead terminal is exposed copper (not
plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
103 (Silicon Limit)
A
50a (Package Limit)
TC = 70 °C
50a
TA = 25 °C
23.6b, c
TA = 70 °C
18.9b, c
Pulsed Drain Current
IDM
80
Continuous Source-Drain Diode Current
TC = 25 °C
IS
50a
TA = 25 °C
4.3b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
35
Avalanche Energy
EAS
61
mJ
Maximum Power Dissipation
TC = 25 °C
PD
104
W
TC = 70 °C
66
TA = 25 °C
5.2b, c
TA = 70 °C
3.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260


Similar Part No. - SIE832DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIE832DF VISHAY-SIE832DF Datasheet
179Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. C, 13-Jul-09
SIE832DF-T1-E3 VISHAY-SIE832DF-T1-E3 Datasheet
179Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. C, 13-Jul-09
SIE832DF-T1-GE3 VISHAY-SIE832DF-T1-GE3 Datasheet
179Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. C, 13-Jul-09
More results

Similar Description - SIE832DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com