Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7288DP Datasheet(PDF) 6 Page - Vishay Telefunken

Part # SI7288DP
Description  Dual N-Channel 40-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7288DP Datasheet(HTML) 6 Page - Vishay Telefunken

Back Button SI7288DP Datasheet HTML 2Page - Vishay Telefunken SI7288DP Datasheet HTML 3Page - Vishay Telefunken SI7288DP Datasheet HTML 4Page - Vishay Telefunken SI7288DP Datasheet HTML 5Page - Vishay Telefunken SI7288DP Datasheet HTML 6Page - Vishay Telefunken SI7288DP Datasheet HTML 7Page - Vishay Telefunken SI7288DP Datasheet HTML 8Page - Vishay Telefunken SI7288DP Datasheet HTML 9Page - Vishay Telefunken SI7288DP Datasheet HTML 10Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
6
Document Number: 65366
S09-2113-Rev. A, 12-Oct-09
Vishay Siliconix
Si7288DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65366.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
Square WavePulse Duration (s)
1
0.1
0.01
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 80 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
Duty Cycle = 0.5
Square WavePulse Duration (s)
1
0.1
0.01
0.05
Single Pulse
0.02


Similar Part No. - SI7288DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7288DP VISHAY-SI7288DP Datasheet
495Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 12-Oct-09
SI7288DP VISHAY-SI7288DP Datasheet
340Kb / 13P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI7288DP-T1-GE3 VISHAY-SI7288DP-T1-GE3 Datasheet
495Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 12-Oct-09
SI7288DP-T1-GE3 VISHAY-SI7288DP-T1-GE3 Datasheet
340Kb / 13P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI7288DP VISHAY-SI7288DP_15 Datasheet
322Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 12-Oct-09
More results

Similar Description - SI7288DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com