Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4904DY Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SI4904DY
Description  Dual N-Channel 40-V MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4904DY Datasheet(HTML) 1 Page - Vishay Telefunken

  SI4904DY Datasheet HTML 1Page - Vishay Telefunken SI4904DY Datasheet HTML 2Page - Vishay Telefunken SI4904DY Datasheet HTML 3Page - Vishay Telefunken SI4904DY Datasheet HTML 4Page - Vishay Telefunken SI4904DY Datasheet HTML 5Page - Vishay Telefunken SI4904DY Datasheet HTML 6Page - Vishay Telefunken SI4904DY Datasheet HTML 7Page - Vishay Telefunken SI4904DY Datasheet HTML 8Page - Vishay Telefunken SI4904DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4904DY
Document Number: 73793
S09-0540-Rev. C, 06-Apr-09
www.vishay.com
1
Dual N-Channel 40-V MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
100 % Rg Tested
UIS Tested
APPLICATIONS
CCFL Inverter
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
40
0.016 at VGS = 10 V
8
56
0.019 at VGS = 4.5 V
8
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4904DY-T1-E3 (Lead (Pb)-free)
Si4904DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 120 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8
A
TC = 70 °C
8
TA = 25 °C
8b, c
TA = 70 °C
6.5b, c
Pulsed Drain Current (10 µs Pulse Width)
IDM
20
Source-Drain Current Diode Current
TC = 25 °C
IS
2.7
TA = 25 °C
1.6b, c
Pulsed Source-Drain Current
ISM
20
Single Pulse Avalanche Current
L = 0.1 mH
IAS
20
Single Pulse Avalanche Energy
EAS
20
Maximum Power Dissipation
TC = 25 °C
PD
3.25
W
TC = 70 °C
2.10
TA = 25 °C
2.0b, c
TA = 70 °C
1.25b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
45
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
29
38


Similar Part No. - SI4904DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4904DY VISHAY-SI4904DY Datasheet
243Kb / 10P
   Dual N-Channel 40-V MOSFET
Rev. C, 06-Apr-09
SI4904DY VISHAY-SI4904DY Datasheet
176Kb / 9P
   Dual N-Channel 40-V MOSFET
01-Jan-2022
SI4904DY-T1-E3 VISHAY-SI4904DY-T1-E3 Datasheet
243Kb / 10P
   Dual N-Channel 40-V MOSFET
Rev. C, 06-Apr-09
logo
VBsemi Electronics Co.,...
SI4904DY-T1-E3 VBSEMI-SI4904DY-T1-E3 Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4904DY-T1-GE3 VISHAY-SI4904DY-T1-GE3 Datasheet
243Kb / 10P
   Dual N-Channel 40-V MOSFET
Rev. C, 06-Apr-09
More results

Similar Description - SI4904DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4904DY VISHAY-SI4904DY Datasheet
243Kb / 10P
   Dual N-Channel 40-V MOSFET
Rev. C, 06-Apr-09
SI4904DY VISHAY-SI4904DY_V01 Datasheet
176Kb / 9P
   Dual N-Channel 40-V MOSFET
01-Jan-2022
logo
ACE Technology Co., LTD...
ACE4940M ACE-ACE4940M Datasheet
489Kb / 7P
   Dual N-Channel 40-V MOSFET
VER 1.2
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com