Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT-610 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BT-610
Description  compact battery operated particle counter with six selectable size channels
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BT-610 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BT-610 Datasheet HTML 1Page - List of Unclassifed Manufacturers BT-610 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications:
Cleanroom Monitoring
Medical Device Mfg.
Filter Testing
Hospitals
Whatever your particular needs,
The right choice is only natural.
Food / Beverage
Aerospace Assembly
Paint Booths
Cosmetic Manufacturing
REV FEB. 2014
BT-610
Bench-Top Particle Counter
The BT-610 is a compact battery operated particle counter with six selectable size channels, built-in printer,
housed in a portable stainless steel case. Flow rate is 0.1 cfm (2.83 lpm) and is maintained with volumetric
flow control for improved accuracy.
Simple Operation
The BT-610 has a large size display with very large characters, audio
alarm, and internal printer that work together to verify particulate
levels. If the particle count exceeds a pre-set limit, the audible alarm
will beep, the screen display will flash, and the printer will print the
alarm value. Two programmable count alarm limits may be set.
User Selectable Sizes
Each of the six channels may be individually set by the operator
from 0.3 to 10 microns. Custom calibrations are not required.
Data Storage and Connectivity
The BT-610 stores over 8,000 sample events. Sample history events
can be viewed or printed and downloaded to a computer using
Comet software or simple ASCII terminal commands. Connectivity
is built-in for both digital (RS-232, RS-485) and analog output (0-5
VDC). The BT-610 also includes USB interface, and a Memory
Stick port.
Printer
The Printer has two modes of operation.
Print Sample: prints sample data at the end of each sample
including alarm, date, time and location.
Recall Data: prints all sample data from first selected date and
time to second selected date and time.
Portable Desk Top
The BT-610 provides 6 channels, built-in printer and battery opera-
tion in a compact stainless steel case. The built-in battery provides
24 hours of typical (intermittent) operation and 8 hours continuous
operation. Connect the AC adapter/charger for longer operation
and battery charging.
Temperature / Relative Humidity Option
A plug-and-play option can immediately add ambient tempera-
ture and relative humidity capabilities to displayed and logged data
.


Similar Part No. - BT-610

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT-6 ETC2-BT-6 Datasheet
112Kb / 1P
   BEADED TIES
BT-620 ETC2-BT-620 Datasheet
9Mb / 2P
   Bench-Top Particle Counter
BT-645 ETC2-BT-645 Datasheet
176Kb / 2P
   Low power consumption
logo
Red Lion Controls. Inc
BT-6800-AT REDLION-BT-6800-AT Datasheet
706Kb / 2P
   BT-6000 Series IndustrialPro??M2M Gateways DATA S H E E T
More results

Similar Description - BT-610

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
VPC300 EXTECH-VPC300 Datasheet
296Kb / 1P
   Video Particle Counter with built-in Camera
logo
List of Unclassifed Man...
BT-620 ETC2-BT-620 Datasheet
9Mb / 2P
   Bench-Top Particle Counter
ZYPADBR2000 ETC2-ZYPADBR2000 Datasheet
327Kb / 3P
   Lightweight compact battery operated wearable/vehicle mount computer
logo
Extech Instruments Corp...
380340 EXTECH-380340 Datasheet
178Kb / 1P
   Battery Operated Datalogger
logo
PCE Instruments.
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
   Particle Counter PCE-PQC 10US Incl. Calibration
logo
National Semiconductor ...
LM1801 NSC-LM1801 Datasheet
235Kb / 8P
   BATTERY OPERATED POWER COMPARATOR
logo
Analog Devices
ADE7816 AD-ADE7816 Datasheet
677Kb / 48P
   Six Current Channels, One Voltage Channel
REV. 0
logo
List of Unclassifed Man...
MK50395N ETC2-MK50395N Datasheet
9Mb / 22P
   SIX DECADE COUNTER / DISPLAY DECODER
logo
Micrel Semiconductor
MIC50398 MICREL-MIC50398 Datasheet
71Kb / 6P
   Six Decade Counter / Display Decoder
MK50397 MICREL-MK50397 Datasheet
438Kb / 7P
   Six Decade Counter / Display Decoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com