Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BT-610 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. BT-610
Description  compact battery operated particle counter with six selectable size channels
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

BT-610 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BT-610
1600 Washington Blvd., Grants Pass, OR 97526
Tel: 541.471.7111
|
Fax: 541.471.7116
E-mail: handhelds@metone.com
|
www.metone.com
Specifications
PERFORMANCE
Particle Size Range
0.3µm - 10µm, 6 channels
Calibrated Sizes
0.3 µm, 0.5µm, 1.0µm, 2.0µm 5.0µm and 10µm
User Size Settings
0.1µm steps from 0.3µm - 2.0µm
0.5µm steps from 2.0µm - 10µm
Concentration Range
0 – 3,000,000 particles per cubic foot (105,900 particle/L)
Accuracy
± 10% to calibration aerosol
Sensitivity
0.3 µm
Flow Rate
0.1 cfm (2.83 lpm)
Sample Time Adjustable:
1 to 999 seconds
Hold Time Adjustable:
0 to 999 seconds
ELECTRICAL
Light Source
Laser Diode, 90mW, 780 nm
Power
14.8V Li-Ion self-contained battery pack – Provides for 8 hours continuous use.
Full recharge approximately 3 hours.
AC Adapter/Charger
Li-Ion Charger, 100 – 240 VAC to 16.8 VDC @ 1.8A
Communications
USB, RS-232 or RS-485
Standards
Meets ISO 21501-4
INTERFACE
Display
20 character x 4 line LCD
Keyboard
8 key membrane type
PHYSICAL
Size
Height = 8.75” (22.2 cm) With Handle = 10.25“(26.0 cm)
Width = 6.75” (17.1 cm) Depth = 8.5” (21.5 cm)
Weight
8 lb - 1.6 oz (3.67 kg)
ENVIRONMENTAL
Operating Temperature
0º C to +40º C
Storage Temperature
-20º C to +60º C
ACCESSORIES
Supplied
Operation Manual (MOI #BT-637S-9800)
USB Cable (MOI #500784)
Comet Software (MOI #80248)
Particle View Software
Battery Charger (MOI #80643)
Iso-kinetic Sample Probe (MOI #G3110)
Zero Particulate Filter (MOI #G3111)
Printer Paper - 2 Rolls (MOI #750514)
Optional
RH & Temperature Probe (MOI #G3120)
Flow Meter (MOI #9801)
Serial Cable (MOI #550065)
ISO 21501-4 Calibration (MOI #80849)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn