Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4770 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4770
Description  2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4770 Datasheet(HTML) 8 Page - Micro Linear Corporation

  ML4770 Datasheet HTML 1Page - Micro Linear Corporation ML4770 Datasheet HTML 2Page - Micro Linear Corporation ML4770 Datasheet HTML 3Page - Micro Linear Corporation ML4770 Datasheet HTML 4Page - Micro Linear Corporation ML4770 Datasheet HTML 5Page - Micro Linear Corporation ML4770 Datasheet HTML 6Page - Micro Linear Corporation ML4770 Datasheet HTML 7Page - Micro Linear Corporation ML4770 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ML4770
8
© Micro Linear 1997. is a registered trademark of Micro Linear Corporation. All other trademarks are the
property of their respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611;
4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017;
5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167.
Japan: 2,598,946; 2,619,299; 2,704,176. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or
design. Micro Linear does not assume any liability arising out of the application or use of any product
described herein, neither does it convey any license under its patent right nor the rights of others. The circuits
contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or
representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will
accept no responsibility or liability for use of any application herein. The customer is urged to consult with
appropriate legal counsel before deciding on a particular application.
3/27/98 Printed in U.S.A.
PHYSICAL DIMENSIONS inches (millimeters)
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML4770CS (Obsolete)
0°C to 70°C
8-Pin SOIC (S08)
ML4770ES
-20°C to 70°C
8-Pin SOIC (S08)
SEATING PLANE
0.148 - 0.158
(3.76 - 4.01)
PIN 1 ID
0.228 - 0.244
(5.79 - 6.20)
0.189 - 0.199
(4.80 - 5.06)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.015 - 0.035
(0.38 - 0.89)
0.059 - 0.069
(1.49 - 1.75)
0.004 - 0.010
(0.10 - 0.26)
0.055 - 0.061
(1.40 - 1.55)
8
0.006 - 0.010
(0.15 - 0.26)
0º - 8º
1
0.017 - 0.027
(0.43 - 0.69)
(4 PLACES)
Package: S08
8-Pin SOIC
Figure 8. Design Example Schematic Diagram
ML4770
VOUT
COUT
100µF
10nF
CIN
100µF
VIN
10µH
(Sumida CD54)
VL1
VIN
GND
SENSE
PWR GND
SHDN
VL2
VOUT
R2
250k
R1
236k
SHUTDOWN
DS4770-01
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-0295
www.microlinear.com


Similar Part No. - ML4770

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
   High Current Boost Regulator
ML4771CS MICRO-LINEAR-ML4771CS Datasheet
190Kb / 8P
   High Current Boost Regulator
ML4771ES MICRO-LINEAR-ML4771ES Datasheet
190Kb / 8P
   High Current Boost Regulator
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4775CS MICRO-LINEAR-ML4775CS Datasheet
177Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Shutdown
More results

Similar Description - ML4770

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
   2 Cell, Adjustable Output Boost Regulator with Load Disconnect
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
   High Current Boost Regulator with Load Disconnect
ML4869 MICRO-LINEAR-ML4869 Datasheet
200Kb / 8P
   Medium Current Boost Regulator with Load Disconnect
ML4950 MICRO-LINEAR-ML4950 Datasheet
290Kb / 10P
   Adjustable Output, Low Current Single Cell Boost Regulator with Detect
logo
Impala Linear Corporati...
ILC6382 IMPALA-ILC6382 Datasheet
1Mb / 19P
   1-CELL TO 3-CELL BOOST WITH TRUE LOAD DISCONNECT, 3.3V, 5V OR ADJUSTABLE OUTPUT
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
   1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
ML4854 FAIRCHILD-ML4854 Datasheet
133Kb / 13P
   Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect
logo
Micro Linear Corporatio...
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Shutdown
logo
Microchip Technology
MIC2876 MICROCHIP-MIC2876 Datasheet
625Kb / 26P
   4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
06/23/16
MIC2875 MICROCHIP-MIC2875 Datasheet
434Kb / 24P
   4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com