Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMUR1660G-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UMUR1660G-TF3-T
Description  SWITCHMODE POWER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMUR1660G-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UMUR1660G-TF3-T Datasheet HTML 1Page - Unisonic Technologies UMUR1660G-TF3-T Datasheet HTML 2Page - Unisonic Technologies UMUR1660G-TF3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UMUR1660
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-146.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VR
600
V
Working Peak Reverse Voltage
VRWM
600
V
Peak Repetitive Reverse Voltage
VRRM
600
V
Per Leg
8.0
A
Average Rectified Forward Current
Total Device, (Rated VR), TC=150°C
Total
IF(AV)
16
A
Peak Rectified Forward Current (Rated
VR, Square Wave, 20kHz), TC=150°C
Per Leg
IFM
16
A
Non-Repetitive Peak Surge Current (Surge Applied at Rated
Load Conditions Halfwave, Single Phase, 60Hz)
IFSM
100
A
Storage Temperature
TSTG
-65~+175
°C
Operating Junction Temperature
TJ
-65~+175
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-263
2
°C/W
Junction to Case
TO-220F/TO-220F1
θJC
3.4
°C/W
ELECTRICAL CHARACTERISTICS (PER DIODE LEG)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=8A, TC=25°C
1.50
V
Instantaneous Forward Voltage (Note)
VF
IF=8A, TC=150°C
1.20
V
Rated dc Voltage, TC=25°C
10
µA
Instantaneous Reverse Current (Note)
IR
Rated dc Voltage, TC=150°C
500
µA
IF=1.0A, di/dt=50A/µs
60
ns
Reverse Recovery Time
tRR
IF=0.5A, IR=1.0A, IREC=0.25 A
50
ns
Note: Pulse Test: Pulse Width=300µs, Duty Cycle≤2.0%


Similar Part No. - UMUR1660G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UMUR1660G-TF3-T UTC-UMUR1660G-TF3-T Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
More results

Similar Description - UMUR1660G-TF3-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com