Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKB10N60T Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IKB10N60T
Description  IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKB10N60T Datasheet(HTML) 2 Page - Infineon Technologies AG

  IKB10N60T Datasheet HTML 1Page - Infineon Technologies AG IKB10N60T Datasheet HTML 2Page - Infineon Technologies AG IKB10N60T Datasheet HTML 3Page - Infineon Technologies AG IKB10N60T Datasheet HTML 4Page - Infineon Technologies AG IKB10N60T Datasheet HTML 5Page - Infineon Technologies AG IKB10N60T Datasheet HTML 6Page - Infineon Technologies AG IKB10N60T Datasheet HTML 7Page - Infineon Technologies AG IKB10N60T Datasheet HTML 8Page - Infineon Technologies AG IKB10N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IKB10N60T
TRENCHSTOP
™ Series
p
IFAG IPC TD VLS
2
Rev. 2.6 11.05.2015
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction
– case
R t hJC
1.35
K/W
Diode thermal resistance,
junction
– case
R t hJC D
1.9
Thermal resistance,
junction
– ambient
R t hJA
Footprint
6cm² Cu
65
40
Electrical Characteristic, at Tj = 25 C, unless otherwise specified
Parameter
Symbol
Conditions
Value
Unit
min.
typ.
max.
Static Characteristic
Collector-emitter breakdown voltage
V( BR )C ES VGE = 0V , IC =0 .2mA
600
-
-
V
Collector-emitter saturation voltage
VC E( sat )
VGE = 15 V , IC = 10 A
T j =2 5 C
T j =1 7 5 C
-
-
1.5
1.8
2.05
-
Diode forward voltage
VF
VGE = 0V , IF =1 0 A
T j =2 5 C
T j =1 7 5 C
-
-
1.6
1.6
2.0
-
Gate-emitter threshold voltage
VG E( t h)
I C = 0. 3m A, VCE = VGE
4.1
4.6
5.7
Zero gate voltage collector current
I CE S
VCE = 600V,
VGE = 0V
T j =2 5 C
T j =1 7 5 C
-
-
-
-
40
1000
µA
Gate-emitter leakage current
I GE S
VCE = 0V , VGE =2 0 V
-
-
100
nA
Transconductance
g fs
VCE = 20 V , IC = 10 A
-
6
-
S
Integrated gate resistor
R G int
none
Ω
Dynamic Characteristic
Input capacitance
C i ss
VCE = 25 V ,
VGE = 0V ,
f = 1 M H z
-
551
-
pF
Output capacitance
C os s
-
40
-
Reverse transfer capacitance
C rs s
-
17
-
Gate charge
Q Gat e
VCC = 48 0 V, I C =10 A
VGE = 15 V
-
62
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
L E
-
7
-
nH
Short circuit collector current
1)
I C( SC )
VGE = 15 V ,t SC 5 s
VC C = 4 0 0 V,
T j = 25  C
-
100
-
A
1) Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - IKB10N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKB10N60T INFINEON-IKB10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
More results

Similar Description - IKB10N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA06N60T INFINEON-IKA06N60T_13 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB20N60T INFINEON-IKB20N60T_14 Datasheet
703Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKP06N60T INFINEON-IKP06N60T_14 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKP20N60T INFINEON-IKP20N60T_15 Datasheet
505Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKW30N60T INFINEON-IKW30N60T_15 Datasheet
506Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 19.05.2015
IKB06N60T INFINEON-IKB06N60T Datasheet
658Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKA10N60T INFINEON-IKA10N60T_13 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKA15N60T INFINEON-IKA15N60T_13 Datasheet
570Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB15N60T INFINEON-IKB15N60T_15 Datasheet
702Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 11.05.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com