Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1103-04 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C1103-04
Description  Accessories for infrared detectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C1103-04 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C1103-04_15 Datasheet HTML 1Page - Hamamatsu Corporation C1103-04_15 Datasheet HTML 2Page - Hamamatsu Corporation C1103-04_15 Datasheet HTML 3Page - Hamamatsu Corporation C1103-04_15 Datasheet HTML 4Page - Hamamatsu Corporation C1103-04_15 Datasheet HTML 5Page - Hamamatsu Corporation C1103-04_15 Datasheet HTML 6Page - Hamamatsu Corporation C1103-04_15 Datasheet HTML 7Page - Hamamatsu Corporation C1103-04_15 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Accessories for infrared detectors
Temperature controllers,
heatsinks for TE-cooled detector, chopper, etc.
3
KIRDA0018ED
Heatsinks for TE-cooled detector (TO-8, TO-3 package) A3179 series
These heatsinks are designed for use with thermoelectrically cooled detector sealed in a 6-pin TO-8, TO-3 package. The cooling (heat
dissipation) capacity of the A3179 and A3179-03 is about 35 °C relative to the ambient temperature 25 °C, the A3179-01 is about 40
°C, and that of the A3179-04 is about 85 °C. The A3179-03 is designed only for two-color detector K3413 series, the A3179, A3179-01
for TO-8, the A3179-04 for TO-3 (heatsink for TO-66 is available as a custom product.) .
Dimensional outlines (unit: mm, tolerance unless otherwise noted: ±0.3)
A3179
Accessories
Instruction manual
4-conductor cable (2 m): for TE-cooler and thermistor*9, *10
Coaxial cable (2 m): for signal*10
32
60°
(4 ×) ϕ3.5
3
3
*1 0.4 ± 0.3*
2
Weight: 50 g approx.
32.6
ϕ40
Photosensitive
surface
*3
*1: Bottom surface (reference surface) of detector metal package
*2: When the detector is installed
*3: The position of the photosensitive surface differs according
to the detector used.
Refer to the dimensional outline for the detector.
Detector
metal package
*9: When used in combination with a C1103 series temperature
controller, do not use the 4-conductor cable supplied with the
A3179 series, but use the 4-conductor cable A4372-05 (sold
separately, with a connector).
*10: No socket is supplied for connection to infrared detectors.
Connect infrared detectors by soldering.
Cover the soldered joints and detector pins with vinyl insu-
lating tubes.


Similar Part No. - C1103-04_15

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1103 GENERAL-C1103 Datasheet
34Kb / 1P
   1C 22 7/30 BC FPE OAS PVC
More results

Similar Description - C1103-04_15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650_13 Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
logo
List of Unclassifed Man...
MLX90247 ETC2-MLX90247_07 Datasheet
229Kb / 9P
   Discrete Infrared Thermopile Detectors
MLX90247 ETC2-MLX90247_04 Datasheet
231Kb / 10P
   Discrete Infrared Thermopile Detectors
logo
PerkinElmer Optoelectro...
PYQ2898 PERKINELMER-PYQ2898 Datasheet
167Kb / 2P
   digital pyroelectric infrared detectors
logo
Melexis Microelectronic...
MLX90247 MELEXIS-MLX90247 Datasheet
229Kb / 9P
   Discrete Infrared Thermopile Detectors
logo
List of Unclassifed Man...
MLX90247 ETC1-MLX90247 Datasheet
168Kb / 11P
   Discrete Infrared Thermopile Detectors
logo
Hamamatsu Corporation
P2532-01 HAMAMATSU-P2532-01_15 Datasheet
124Kb / 4P
   Infrared detectors utilizing photoconductive effects
logo
List of Unclassifed Man...
72247 ETC2-72247 Datasheet
203Kb / 2P
   For Duct Smoke Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
   PROXIMITY DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com