Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRCHJ36M000F1QA0E2 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # XRCHJ36M000F1QA0E2
Description  operating temperature range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

XRCHJ36M000F1QA0E2 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  XRCHJ36M000F1QA0E2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. XRCHJ36M000F1QA0E2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
XRCHJ36M000F1QA0E2
Specifications
Shape
SMD
Frequency
36.0000MHz
Frequency Tolerance
±10ppmmax.
(25±3
)
Operating Temperature Range
-
30
to
85
Frequency Shift by Temperature
±15ppmmax.
Frequency Aging
±3ppmmax./year
Wash
Not avairable
Load Capacitance
8pF
Equivalent Series Resistance(Max.)
80Ω
Drive Level(Max.)
60μW
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/16


Similar Part No. - XRCHJ36M000F1QA0E2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
XRCHJ36M000F1QA0P0 MURATA-XRCHJ36M000F1QA0P0 Datasheet
168Kb / 2P
   operating temperature range
logo
Murata Manufacturing Co...
XRCHJ36M000F1QA0P0 MURATA1-XRCHJ36M000F1QA0P0 Datasheet
300Kb / 2P
   Crystal Units/MEMS Resonators
03/05/2024
XRCHJ36M000F1QA0P0 MURATA1-XRCHJ36M000F1QA0P0_V01 Datasheet
300Kb / 2P
   Crystal Units/MEMS Resonators
03/05/2024
More results

Similar Description - XRCHJ36M000F1QA0E2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com