Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7610-10 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S7610-10
Description  Low-voltage operation photo IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7610-10 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S7610-10_15 Datasheet HTML 1Page - Hamamatsu Corporation S7610-10_15 Datasheet HTML 2Page - Hamamatsu Corporation S7610-10_15 Datasheet HTML 3Page - Hamamatsu Corporation S7610-10_15 Datasheet HTML 4Page - Hamamatsu Corporation S7610-10_15 Datasheet HTML 5Page - Hamamatsu Corporation S7610-10_15 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low-voltage operation photo IC
High reliability photo IC operable at 2.2 V
www.hamamatsu.com
1
S7610-10
S12558-01DT
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
S7610-10
S12558-01DT
Unit
Supply voltage
Vcc
-0.5 to +7
V
Output voltage
Vo
-0.5 to +7
V
Low level output current
Io
8
mA
Power dissipation*1
P
250
mW
Operating temperature
Topr
-30 to +85
-25 to +80
°C
Storage temperature
Tstg
-40 to +90
-30 to +85
°C
*1: Power dissipation decreases at a rate of 3.3 mW/°C above Ta=25 °C .
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Electrical and optical characteristics (Ta=25 °C, Vcc=5 V, unless otherwise noted, light source: λp=890 nm LED)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
Vcc
2.2
-
7.0
V
Low level output voltage
VOL
IOL=4 mA, E=0.4 μW/mm2
-
0.05
0.4
V
High level output current
IOH
E=0 μW/mm2, Vo=5 V
-
-
10
μA
Current consumption
Icc
-
1.3
3
mA
H→L threshold
illuminance
S7610-10
EHL
RL=1.2 kΩ
-
0.10
0.25
μW/mm2
S12558-01DT
-
1.0
2.0
Hysterisis
Hys
ELH/EHL
0.75
0.85
0.95
-
L→H propagation delay time
tPLH
E0=0 μW/mm2
E1=0.4 μW/mm2
RL=1.2 kΩ
CL=10 pF*2
-4
15
μs
H→L propagation delay time
tPHL
-
1.5
10
μs
Peak sensitivity wavelength
λp
-
850
-
nm
Rise time
tr
E0=0 μW/mm2
E1=0.4 μW/mm2
RL=1.2 kΩ
CL=10 pF*2
-
0.07
1
μs
Fall time
tf
-
0.03
1
μs
*2: CL includes probe capacitance.
The S7610-10 and S12558-01DT are photo ICs comprised of a photodiode, amplifier, schmitt trigger circuit and output
transistor, all integrated onto a single chip and molded with clear resin into a miniature package. An optical encoder resistant to
tough environmental conditions can be configured by combining the S7610-10 or S12558-01DT with infrared LED L6895-10 (made
by Hamamatsu).
Rotary encoders, etc.
Pd plated leads
Miniature package with lens
Open collector output
“L” level output at light input
Features
Applications


Similar Part No. - S7610-10_15

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
S76121P SUNTAC-S76121P Datasheet
979Kb / 7P
   47A, 30V, 0.021 OHM, N-CHANNEL, LOGIC LEVEL ULTRAFET POWER MOSFETS
S76121S SUNTAC-S76121S Datasheet
979Kb / 7P
   47A, 30V, 0.021 OHM, N-CHANNEL, LOGIC LEVEL ULTRAFET POWER MOSFETS
logo
Switchcraft, Inc.
S761KS12 SWITCH-S761KS12 Datasheet
401Kb / 4P
   IP68/ NEMA 250 (6P) Sealed Power Plug and Jack
S761KS15 SWITCH-S761KS15 Datasheet
401Kb / 4P
   IP68/ NEMA 250 (6P) Sealed Power Plug and Jack
S761KS17 SWITCH-S761KS17 Datasheet
401Kb / 4P
   IP68/ NEMA 250 (6P) Sealed Power Plug and Jack
More results

Similar Description - S7610-10_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
   Low-voltage operation photo IC Operation at low voltage from 2.2 V
logo
Unisonic Technologies
SK8552 UTC-SK8552 Datasheet
218Kb / 5P
   LOW VOLTAGE OPERATION HALL IC
SK8552 UTC-SK8552_15 Datasheet
180Kb / 5P
   LOW VOLTAGE OPERATION HALL IC
SK8552 UTC-SK8552_12 Datasheet
166Kb / 5P
   LOW VOLTAGE OPERATION HALL IC
logo
Hamamatsu Corporation
S10317 HAMAMATSU-S10317 Datasheet
60Kb / 2P
   Photo IC for laser beam synchronous detection Low voltage operation (3.3 V)
logo
Panasonic Semiconductor
AN8083S PANASONIC-AN8083S Datasheet
62Kb / 5P
   Low Voltage Operation IC for DC-DC Converter
AN8086S PANASONIC-AN8086S Datasheet
43Kb / 3P
   Low Voltage Operation IC for DC-DC Converter
AN1432MS PANASONIC-AN1432MS Datasheet
39Kb / 3P
   Variable output, low voltage operation shunt regulator IC
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
   LOW VOLTAGE OPERATION
logo
Hotchip Technology Co.,...
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
   Low voltage operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com