Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9032-02 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S9032-02
Description  Si photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9032-02 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S9032-02_15 Datasheet HTML 1Page - Hamamatsu Corporation S9032-02_15 Datasheet HTML 2Page - Hamamatsu Corporation S9032-02_15 Datasheet HTML 3Page - Hamamatsu Corporation S9032-02_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The S9032-02 is a color sensor molded into a plastic package having a 3-channel (RGB) photodiode sensitive to the blue (λp=460
nm), green (λp=540 nm) and red (λp=620 nm) regions of the spectrum. The S9032-02 has a 3-segment (RGB) circular photosensi-
tive area of ϕ2 mm.
Si photodiode
S9032-02
RGB color sensor
www.hamamatsu.com
11
Color adjustment for LED back light system for LCD
3-channel (RGB) Si photodiode
Color adjustment for LCD projector
Surface-mount small plastic package
Color tester
Spectral response range close to the human eye sensitivity
Color detection
No sensitivity in the near IR region
Photosensitive area: 3-segment (RGB) circular
photosensitive area of ϕ2 mm
Electrical and optical characteristics (Ta= 25 °C, per element )
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range
λ
Blue
-
400 to 540
-
nm
Green
-
480 to 600
-
Red
-
590 to 720
-
Peak sensitivity wavelength
λp
Blue
-
460
-
nm
Green
-
540
-
Red
-
620
-
Photosensitivity
S
λ=λp
Blue
0.13
0.18
-
A/W
Green
0.18
0.23
-
Red
0.11
0.16
-
Dark current
ID
VR=1 V
All elements
-
5
100
pA
Temperature coefficient of ID
TCID
-
1.12
-
times/°C
Rise time
tr
VR=0 V, RL=1 kΩ
10 to 90%
-
0.2
1.0
μs
Terminal capacitance
Ct
VR=0 V
f=10 kHz
-40
80
pF
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Reverse voltage
VR max
10
V
Operating temperature
Topr
-25 to +85
°C
Storage temperature
Tstg
-40 to +85
°C
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Features
Applications
This product does not support lead-free soldering. For details on reflow soldering conditions, please contact our sales office.


Similar Part No. - S9032-02_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02 Datasheet
69Kb / 2P
   Si photodiode RGB color sensor
S9032-02 HAMAMATSU-S9032-02 Datasheet
66Kb / 2P
   RGB color sensor integrated in small and thin package
S9032-02 HAMAMATSU-S9032-02 Datasheet
254Kb / 11P
   Digital color sensor
More results

Similar Description - S9032-02_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPD701H ETC-KPD701H Datasheet
139Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S8265 HAMAMATSU-S8265_15 Datasheet
91Kb / 3P
   Si photodiode
logo
Roithner LaserTechnik G...
IQ80XL ROITHNER-IQ80XL Datasheet
177Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S9674 HAMAMATSU-S9674_15 Datasheet
227Kb / 5P
   Si photodiode
S10043 HAMAMATSU-S10043_15 Datasheet
175Kb / 3P
   Si photodiode
S1087 HAMAMATSU-S1087 Datasheet
152Kb / 4P
   Si photodiode
S7686 HAMAMATSU-S7686_15 Datasheet
191Kb / 4P
   Si photodiode
S4349 HAMAMATSU-S4349_15 Datasheet
200Kb / 4P
   Si photodiode
S2551 HAMAMATSU-S2551_15 Datasheet
423Kb / 4P
   Si photodiode
S10625-01CT HAMAMATSU-S10625-01CT Datasheet
209Kb / 5P
   Si photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com