Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54628 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54628
Description  4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54628 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54628_15 Datasheet HTML 6Page - Texas Instruments TPS54628_15 Datasheet HTML 7Page - Texas Instruments TPS54628_15 Datasheet HTML 8Page - Texas Instruments TPS54628_15 Datasheet HTML 9Page - Texas Instruments TPS54628_15 Datasheet HTML 10Page - Texas Instruments TPS54628_15 Datasheet HTML 11Page - Texas Instruments TPS54628_15 Datasheet HTML 12Page - Texas Instruments TPS54628_15 Datasheet HTML 13Page - Texas Instruments TPS54628_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
0
100
200
300
400
500
600
700
800
900
0.0
0.1
1.0
10.0
I
O - Output Current (A)
Vo=1.05V
Vo=1.8V
Vo=3.3V
C011
V
O = 1.05 V
V
O = 1.8 V
V
O = 3.3 V
0.750
0.755
0.760
0.765
0.770
0.775
0.780
±50
0
50
100
150
T
J Junction Temperature (ƒC)
Io=10mA
Io=1A
C012
I
O = 10 mA
I
O = 1 A
400
450
500
550
600
650
700
750
800
850
900
0
5
10
15
20
V
IN - Input Voltage (V)
Vo=1.05V
Vo=1.2V
Vo=1.5V
Vo=1.8V
Vo=2.5V
Vo=3.3V
Vo=5V
C010
V
O = 1.05 V
V
O = 1.2 V
V
O = 1.5 V
V
O = 1.8 V
V
O = 2.5 V
V
O = 3.3 V
V
O = 5 V
I
OUT = 1 A
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
I
OUT - Output Current (A)
Vo=1.8V
Vo=3.3V
Vo=5V
C009
V
IN = 12 V
40
50
60
70
80
90
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
I
OUT - Output Current (A)
Vo=1.8V
Vo=3.3V
Vo=5V
C008
V
IN = 12 V
Vout(0.5V/div)
EN(10V/div)
1ms/div
VREG5(5V/div)
TPS54628
SLVSBW5 – APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, TA = 25°C (unless otherwise noted).
Figure 7. START-UP WAVE FORM
Figure 8. EFFICIENCY vs OUTPUT CURRENT
Figure 9. LIGHT LOAD EFFICIENCY vs OUTPUT CURRENT
Figure 10. SWITCHING FREQUENCY vs INPUT VOLTAGE
Figure 11. SWITCHING FREQUENCY vs OUTPUT CURRENT
Figure 12. VFB VOLTAGE vs JUNCTION TEMPERATURE
10
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TPS54628


Similar Part No. - TPS54628_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54628DDA TI-TPS54628DDA Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54628DDAR TI-TPS54628DDAR Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results

Similar Description - TPS54628_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS56628 TI1-TPS56628 Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54528 TI1-TPS54528 Datasheet
821Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com