Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54623 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS54623
Description  4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Light Load Efficiency and Hiccup Over Current Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54623 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54623_15 Datasheet HTML 7Page - Texas Instruments TPS54623_15 Datasheet HTML 8Page - Texas Instruments TPS54623_15 Datasheet HTML 9Page - Texas Instruments TPS54623_15 Datasheet HTML 10Page - Texas Instruments TPS54623_15 Datasheet HTML 11Page - Texas Instruments TPS54623_15 Datasheet HTML 12Page - Texas Instruments TPS54623_15 Datasheet HTML 13Page - Texas Instruments TPS54623_15 Datasheet HTML 14Page - Texas Instruments TPS54623_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TPS54623
www.ti.com
SLVSB09
– SEPTEMBER 2011
Figure 17. TPS54623 Operation In Current Mode
Figure 18. TPS54623 Operation In Pulse Skipping Mode
VIN and Power VIN Pins (VIN and PVIN)
The device allows for a variety of applications by using the VIN and PVIN pins together or separately. The VIN
pin voltage supplies the internal control circuits of the device. The PVIN pin voltage provides the input voltage to
the power converter system.
If tied together, the input voltage for VIN and PVIN can range from 4.5V to 17V. If using the VIN separately from
PVIN, the VIN pin must be between 4.5V and 17V, and the PVIN pin can range from as low as 1.6V to 17V. A
voltage divider connected to the EN pin can adjust the either input voltage UVLO appropriately. Adjusting the
input voltage UVLO on the PVIN pin helps to provide consistent power up behavior.
Voltage Reference
The voltage reference system produces a precise
±1% voltage reference over temperature by scaling the output
of a temperature stable bandgap circuit.
Adjusting the Output Voltage
The output voltage is set with a resistor divider from the output (VOUT) to the VSENSE pin. It is recommended to
use 1% tolerance or better divider resistors. Referring to the application schematic of Figure 31, start with a 10
k
Ω for R6 and use Equation 1 to calculate R5. To improve efficiency at light loads consider using larger value
resistors. If the values are too high the regulator is more susceptible to noise and voltage errors from the
VSENSE input current are noticeable.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS54623


Similar Part No. - TPS54623_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54623RHLR TI1-TPS54623RHLR Datasheet
1Mb / 37P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Light Load Efficiency and Hiccup Over Current Protection
TPS54623RHLT TI1-TPS54623RHLT Datasheet
1Mb / 37P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Light Load Efficiency and Hiccup Over Current Protection
More results

Similar Description - TPS54623_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54623 TI1-TPS54623 Datasheet
1Mb / 37P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Light Load Efficiency and Hiccup Over Current Protection
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com