Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54540 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54540
Description  TPS54540 4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54540 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54540_15 Datasheet HTML 1Page - Texas Instruments TPS54540_15 Datasheet HTML 2Page - Texas Instruments TPS54540_15 Datasheet HTML 3Page - Texas Instruments TPS54540_15 Datasheet HTML 4Page - Texas Instruments TPS54540_15 Datasheet HTML 5Page - Texas Instruments TPS54540_15 Datasheet HTML 6Page - Texas Instruments TPS54540_15 Datasheet HTML 7Page - Texas Instruments TPS54540_15 Datasheet HTML 8Page - Texas Instruments TPS54540_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
GND
7
COMP
6
FB
5
SW
8
2
3
4
1
VIN
EN
RT/CLK
BOOT
Thermal
Pad
9
TPS54540
www.ti.com
SLVSBX7A – MAY 2013 – REVISED MARCH 2014
6 Terminal Configuration and Functions
HSOIC Package
(Top View)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
A bootstrap capacitor is required between BOOT and SW. If the voltage on this capacitor is below the minimum
BOOT
1
O
required to operate the high side MOSFET, the output is switched off until the capacitor is refreshed.
VIN
2
I
Input supply voltage with 4.5 V to 42 V operating range.
Enable terminal, with internal pull-up current source. Pull below 1.2 V to disable. Float to enable. Adjust the
EN
3
I
input undervoltage lockout with two resistors. See the Enable and Adjusting Undervoltage Lockout section.
Resistor Timing and External Clock. An internal amplifier holds this terminal at a fixed voltage when using an
external resistor to ground to set the switching frequency. If the terminal is pulled above the PLL upper
RT/CLK
4
I
threshold, a mode change occurs and the terminal becomes a synchronization input. The internal amplifier is
disabled and the terminal is a high impedance clock input to the internal PLL. If clocking edges stop, the
internal amplifier is re-enabled and the operating mode returns to resistor frequency programming.
FB
5
I
Inverting input of the transconductance (gm) error amplifier.
Error amplifier output and input to the output switch current (PWM) comparator. Connect frequency
COMP
6
O
compensation components to this terminal.
GND
7
Ground
SW
8
I
The source of the internal high-side power MOSFET and switching node of the converter.
Thermal
GND terminal must be electrically connected to the exposed pad on the printed circuit board for proper
9
Pad
operation.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS54540


Similar Part No. - TPS54540_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540BDDA TI1-TPS54540BDDA Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
More results

Similar Description - TPS54540_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540 TI-TPS54540 Datasheet
1Mb / 38P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com