Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML2036 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part No. ML2036
Description  Serial Input Programmable Sine Wave Generator with Digital Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRO-LINEAR [Micro Linear Corporation]
Homepage  http://www.microlinear.com
Logo 

ML2036 Datasheet(HTML) 5 Page - Micro Linear Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ML2036
5
Figure 1. Serial Interface Timing.
Figure 3. CLK IN Input Current vs. Input Voltage.
CLK IN
SCK
SID
LATI
tLPW
tLS
tLH
tDS
tDH
tSCK
tSCK
tCKI
tCKI
100
75
50
25
0
-25
-50
-75
-100
INPUT VOLTAGE (V)
01
3
5
4
2
Figure 2. Digital Clock Output Timing.
fCLK1
fCLKIN
fCLK2
t1R
t1F
t2F
t2R
fCLK PARAMETERS REFERRED TO 1.4V MIDPOINT
CLKIN
CLKOUT1
CLKOUT2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn