Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54418 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54418
Description  TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54418 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54418_15 Datasheet HTML 5Page - Texas Instruments TPS54418_15 Datasheet HTML 6Page - Texas Instruments TPS54418_15 Datasheet HTML 7Page - Texas Instruments TPS54418_15 Datasheet HTML 8Page - Texas Instruments TPS54418_15 Datasheet HTML 9Page - Texas Instruments TPS54418_15 Datasheet HTML 10Page - Texas Instruments TPS54418_15 Datasheet HTML 11Page - Texas Instruments TPS54418_15 Datasheet HTML 12Page - Texas Instruments TPS54418_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
300
310
320
330
340
350
360
370
380
390
400
V
=3.3V
IN
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
0
0.5
1
1.5
2
2.5
3
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
T =25°C
J
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
UVLOStartSwitching
UVLOStopSwitching
85
87
89
91
93
95
97
99
101
103
105
V
=5V
IN
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
-3
-2.8
-2.6
-2.4
-2.2
-2
-1.8
-1.6
-1.4
-1.2
-1
V
=5V
IN
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
TPS54418
www.ti.com
SLVS946D – SEPTEMBER 2009 – REVISED DECEMBER 2014
Typical Characteristics (continued)
Figure 13. Charge Current vs Junction Temperature
Figure 14. Discharge Current vs Junction Temperature
Figure 15. Input Voltage vs Junction Temperature
Figure 16. Shutdown Supply Current vs Junction
Temperature
Figure 17. Shutdown Supply Current vs Input Voltage
Figure 18. Supply Current vs Junction Temperature
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54418


Similar Part No. - TPS54418_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
More results

Similar Description - TPS54418_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com