Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIZ914DT Datasheet(PDF) 4 Page - Vishay Telefunken

Part # SIZ914DT
Description  Dual N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ914DT Datasheet(HTML) 4 Page - Vishay Telefunken

  SIZ914DT Datasheet HTML 1Page - Vishay Telefunken SIZ914DT Datasheet HTML 2Page - Vishay Telefunken SIZ914DT Datasheet HTML 3Page - Vishay Telefunken SIZ914DT Datasheet HTML 4Page - Vishay Telefunken SIZ914DT Datasheet HTML 5Page - Vishay Telefunken SIZ914DT Datasheet HTML 6Page - Vishay Telefunken SIZ914DT Datasheet HTML 7Page - Vishay Telefunken SIZ914DT Datasheet HTML 8Page - Vishay Telefunken SIZ914DT Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 62905
S13-2181-Rev. A, 14-Oct-13
Vishay Siliconix
SiZ914DT
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
CHANNEL-1 TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
20
40
60
80
0
0.5
1
1.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 5 V
V
GS = 3 V
V
GS = 4 V
0.0000
0.0030
0.0060
0.0090
0.0120
0.0150
0
14
28
42
56
70
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
5
10
15
20
Q
g - Total Gate Charge (nC)
V
DS = 24 V
V
DS = 8 V
V
DS = 15 V
I
D = 19 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0
0.6
1.2
1.8
2.4
3
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
270
540
810
1080
1350
0
5
10
15
20
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.7
0.95
1.2
1.45
1.7
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 19 A
V
GS = 10 V
V
GS = 4.5 V


Similar Part No. - SIZ914DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ914DT VISHAY-SIZ914DT Datasheet
208Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 14-Oct-13
SIZ914DT VISHAY-SIZ914DT Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ914DT VISHAY-SIZ914DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
More results

Similar Description - SIZ914DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ918DT VISHAY-SIZ918DT_V01 Datasheet
226Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ300DT VISHAY-SIZ300DT Datasheet
269Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
logo
Vishay Telefunken
SIZ902DT TFUNK-SIZ902DT Datasheet
223Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ200DT VISHAY-SIZ200DT Datasheet
308Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ900DT VISHAY-SIZ900DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ904DT VISHAY-SIZ904DT_V01 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ910DT VISHAY-SIZ910DT_V01 Datasheet
167Kb / 12P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com