Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIZ340DT Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SIZ340DT
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ340DT Datasheet(HTML) 2 Page - Vishay Telefunken

  SIZ340DT Datasheet HTML 1Page - Vishay Telefunken SIZ340DT Datasheet HTML 2Page - Vishay Telefunken SIZ340DT Datasheet HTML 3Page - Vishay Telefunken SIZ340DT Datasheet HTML 4Page - Vishay Telefunken SIZ340DT Datasheet HTML 5Page - Vishay Telefunken SIZ340DT Datasheet HTML 6Page - Vishay Telefunken SIZ340DT Datasheet HTML 7Page - Vishay Telefunken SIZ340DT Datasheet HTML 8Page - Vishay Telefunken SIZ340DT Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SiZ340DT
www.vishay.com
Vishay Siliconix
S14-0611-Rev. B, 24-Mar-14
2
Document Number: 62877
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Surface mounted on 1" x 1" FR4 board.
b. Maximum under steady state conditions is 69 °C/W for channel-1 and 64 °C/W for channel-2.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel-1
Channel-2
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambient a,b
t
≤ 10 s
RthJA
27
34
24
30
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
67.5
3.24
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
TEST CONDITIONS
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
Ch-1
30
-
-
V
Ch-2
30
-
-
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 μA
Ch-1
-
18.4
-
mV/°C
Ch-2
-
30
-
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
ID = 250 μA
Ch-1
-
-4.3
-
Ch-2
-
-5
-
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
Ch-1
1
-
2.4
V
Ch-2
1
-
2.4
Gate Source Leakage
IGSS
VDS =0 V, VGS = +20 V, -16 V
Ch-1
-
-
± 100
nA
Ch-2
-
-
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-1
-
-
1
μA
Ch-2
-
-
1
VDS = 30 V, VGS =0 V, TJ = 55 °C
Ch-1
-
-
5
Ch-2
-
-
5
On-State Drain Current b
ID(on)
VDS
≥ 5 V,VGS = 10 V
Ch-1
10
-
-
A
Ch-2
10
-
-
Drain-Source On-State Resistance b
RDS(on)
VGS = 10 V, ID = 15.6 A
Ch-1
-
0.0079 0.0095
Ω
VGS = 10 V, ID = 20 A
Ch-2
-
0.0042 0.0051
VGS = 4.5 V, ID = 13 A
Ch-1
-
0.0110 0.0137
VGS = 4.5 V, ID = 20 A
Ch-2
-
0.0058 0.0070
Forward Transconductance b
gfs
VDS = 15 V, ID = 15.6 A
Ch-1
-
37
-
S
VDS = 15 V, ID = 20 A
Ch-2
-
60
-
Dynamica
Input Capacitance
Ciss
Channel-1
VDS = 15 V, VGS = 0 V, f = 1 MHz
Channel-2
VDS =15 V, VGS = 0 V, f = 1 MHz
Ch-1
-
760
-
pF
Ch-2
-
1552
-
Output Capacitance
Coss
Ch-1
-
250
-
Ch-2
-
450
-
Reverse Transfer Capacitance
Crss
Ch-1
-
32
-
Ch-2
-
40
-
Crss / Ciss Ratio
Ch-1
0.042
-
0.084
-
Ch-2
0.025
-
0.050
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 15.6 A
Ch-1
-
12.3
19
nC
VDS = 15 V, VGS = 10 V, ID = 20 A
Ch-2
-
22.6
35
Channel-1
VDS = 15 V,VGS = 4.5 V, ID = 15.6 A
Channel-2
VDS = 15 V,VGS = 4.5 V, ID = 20 A
Ch-1
-
5.6
9
Ch-2
-
10.1
16
Gate-Source Charge
Qgs
Ch-1
-
2.3
-
Ch-2
-
4.2
-
Gate-Drain Charge
Qgd
Ch-1
-
1
-
Ch-2
-
1.8
-
Output Charge
Qoss
Ch-1
-
6.6
-
Ch-2
-
12.4
-
Gate Resistance
Rg
f = 1 MHz
Ch-1
0.3
1.7
3.4
Ω
Ch-2
0.3
1.3
2.6


Similar Part No. - SIZ340DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
SIZ340DT VISHAY-SIZ340DT Datasheet
371Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIZ340DT VISHAY-SIZ340DT_V01 Datasheet
371Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIZ340DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com