Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-K4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP-K4
Description  Withstands high voltages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP-K4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP-K4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP-K4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sil-Pad® K-4 uses a specially developed
film which has high thermal conductivity,
high dielectric strength and is very durable.
Sil-Pad® K-4 combines the thermal transfer
properties of well-known Sil-Pad rubber
with the physical properties of a film.
Sil-Pad® K-4 is a durable insulator that
withstands high voltages and requires no
thermal grease to transfer heat.
Sil-Pad® K-4 is available in customized
shapes and sizes.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Sil-Pad® K-4
TYPICAL APPLICATIONS INCLUDE
• Power supplies
• Motor controls
• Power semiconductors
CONFIGURATIONS AVAILABLE
• Sheet form, die-cut parts and roll form
• With or without pressure sensitive adhesive
PDS_SP_K4_1113
FEATURES AND BENEFITS
• Thermal impedance: 0.48°C-in2/W
(@50 psi)
• Withstands high voltages
• High dielectric strength
• Very durable
PRODUCT DESCRIPTION
The Original Polyimide-Based Insulator
November 2013
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color
Gray
Gray
Visual
Reinforcement Carrier
Polyimide
Polyimide
Thickness (inch) / (mm)
0.006
0.152
ASTM D374
Hardness (Shore A)
90
90
ASTM D2240
Breaking Strength (lbs/inch) / (kN/m)
30
5ASTM D1458
Elongation (%)
40
40
ASTM D412
Tensile Strength (psi) / (MPa)
5000
34
ASTM D412
Continuous Use Temp (°F) / (°C)
-76 to 356
-60 to 180
ELECTRICAL
Dielectric Breakdown Voltage (Vac)
6000
6000
ASTM D149
Dielectric Constant (1000 Hz)
5.0
5.0
ASTM D150
Volume Resistivity (Ohm-meter)
1012
1012
ASTM D257
Flame Rating
VTM-O
VTM-O
U.L.94
THERMAL
Thermal Conductivity (W/m-K)
0.9
0.9ASTM D5470
THERMAL PERFORMANCE vs PRESSURE
Pressure (psi)
10
25
50
100
200
TO-220 Thermal Performance (°C/W)
3.66
3.43
3.13
2.74
2.42
Thermal Impedance (°C-in2/W) (1)
1.07
0.68
0.48
0.42
0.38
1) The ASTM D5470 test fixture was used.The recorded value includes interfacial thermal resistance.These values are provided for
reference only. Actual application performance is directly related to the surface roughness,flatness and pressure applied.
TYPICAL PROPERTIES OF SIL-PAD K-4


Similar Part No. - SP-K4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-K10 ETC2-SP-K10 Datasheet
337Kb / 2P
   Designed to replace ceramic insulators
SP-K6 ETC2-SP-K6 Datasheet
501Kb / 2P
   Medium performance film
logo
Adlink Technology Inc.
SP-KL ADLINK-SP-KL Datasheet
409Kb / 2P
   Intel Core Processor-based Fanless Panel Computer
More results

Similar Description - SP-K4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
07HVP ETC2-07HVP Datasheet
200Kb / 1P
   For High Voltages
logo
Inchange Semiconductor ...
2SC1975 ISC-2SC1975 Datasheet
188Kb / 2P
   Withstands worst overload conditions.
logo
DB Lectro Inc
NV2R DBLECTRO-NV2R Datasheet
464Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
NV23K DBLECTRO-NV23K_07 Datasheet
393Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
NV231 DBLECTRO-NV231_07 Datasheet
389Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
logo
Cornell Dubilier Electr...
MLSG-S CDE-MLSG-S Datasheet
223Kb / 7P
   Withstands more than 80,000 feet altitude
logo
Siemens Semiconductor G...
SMBTA92 SIEMENS-SMBTA92 Datasheet
136Kb / 4P
   PNP Silicon Transistors for High Voltages
SMBTA42 SIEMENS-SMBTA42 Datasheet
137Kb / 4P
   NPN Silicon Transistors for High Voltages
logo
Micross Components
MYXX28HC256 MICROSS-MYXX28HC256 Datasheet
1Mb / 23P
   No External High Voltages or VPP
logo
Infineon Technologies A...
SMBTA42 INFINEON-SMBTA42 Datasheet
122Kb / 4P
   NPN Silicon Transistor for High Voltages
Feb-21-2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com