Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP023N10N5 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPP023N10N5
Description  N-channel, normal level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP023N10N5 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPP023N10N5 Datasheet HTML 4Page - Infineon Technologies AG IPP023N10N5 Datasheet HTML 5Page - Infineon Technologies AG IPP023N10N5 Datasheet HTML 6Page - Infineon Technologies AG IPP023N10N5 Datasheet HTML 7Page - Infineon Technologies AG IPP023N10N5 Datasheet HTML 8Page - Infineon Technologies AG IPP023N10N5 Datasheet HTML 9Page - Infineon Technologies AG IPP023N10N5 Datasheet HTML 10Page - Infineon Technologies AG IPP023N10N5 Datasheet HTML 11Page - Infineon Technologies AG IPP023N10N5 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
OptiMOSª5Power-Transistor,100V
IPP023N10N5
Rev.2.1,2014-05-05
Final Data Sheet
Diagram9:Drain-sourceon-stateresistance
Tj[°C]
-60
-20
20
60
100
140
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
max
typ
RDS(on)=f(Tj);ID=100A;VGS=10V
Diagram10:Typ.gatethresholdvoltage
Tj[°C]
-60
-20
20
60
100
140
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
270 µA
27 µA
VGS(th)=f(Tj);VGS=VDS;parameter:ID
Diagram11:Typ.capacitances
VDS[V]
0
20
40
60
80
101
102
103
104
105
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Diagram12:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
2.0
100
101
102
103
25 °C
175 °C
25 °C max
175 °C max
IF=f(VSD);parameter:Tj


Similar Part No. - IPP023N10N5

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IPP023N10N5 VBSEMI-IPP023N10N5 Datasheet
1Mb / 8P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - IPP023N10N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
   N-channel, normal level
Rev. 2.2 2014-05-19
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com