Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54341DPRR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54341DPRR
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341DPRR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54341DPRR Datasheet HTML 7Page - Texas Instruments TPS54341DPRR Datasheet HTML 8Page - Texas Instruments TPS54341DPRR Datasheet HTML 9Page - Texas Instruments TPS54341DPRR Datasheet HTML 10Page - Texas Instruments TPS54341DPRR Datasheet HTML 11Page - Texas Instruments TPS54341DPRR Datasheet HTML 12Page - Texas Instruments TPS54341DPRR Datasheet HTML 13Page - Texas Instruments TPS54341DPRR Datasheet HTML 14Page - Texas Instruments TPS54341DPRR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Output Current (A)
Start
Stop
C026
Dropout
Voltage
Dropout
Voltage
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
TYPICAL CHARACTERISTICS (continued)
5-V START and STOP VOLTAGE (see Low Dropout Operation and Bootstrap Voltage (BOOT))
Figure 25.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS54341


Similar Part No. - TPS54341DPRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results

Similar Description - TPS54341DPRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54541 TI-TPS54541_15 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
TPS54361-Q1 TI1-TPS54361-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com