Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54332 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54332
Description  TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54332 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54332_15 Datasheet HTML 2Page - Texas Instruments TPS54332_15 Datasheet HTML 3Page - Texas Instruments TPS54332_15 Datasheet HTML 4Page - Texas Instruments TPS54332_15 Datasheet HTML 5Page - Texas Instruments TPS54332_15 Datasheet HTML 6Page - Texas Instruments TPS54332_15 Datasheet HTML 7Page - Texas Instruments TPS54332_15 Datasheet HTML 8Page - Texas Instruments TPS54332_15 Datasheet HTML 9Page - Texas Instruments TPS54332_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPS54332
SLVS875C – JANUARY 2009 – REVISED NOVEMBER 2014
www.ti.com
6.5 Electrical Characteristics
TJ = –40°C to 150°C, VIN = 3.5 V to 28 V (unless otherwise noted)
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Internal undervoltage lockout threshold
Rising and Falling
3.5
V
Shutdown supply current
EN = 0 V, VIN = 12 V, –40°C to 85°C
1
4
μA
Operating – non switching supply current
VSENSE = 0.85 V
82
120
μA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising and Falling
1.25
1.35
V
Input current
Enable threshold – 50 mV
-1
μA
Input current
Enable threshold + 50 mV
-4
μA
VOLTAGE REFERENCE
Voltage reference
0.772
0.8
0.828
V
HIGH-SIDE MOSFET
BOOT-PH = 3 V, VIN = 3.5 V
115
200
On resistance
m
BOOT-PH = 6 V, VIN = 12 V
80
150
ERROR AMPLIFIER
Error amplifier transconductance (gm)
–2
μA < ICOMP < 2 μA, V(COMP) = 1 V
92
μmhos
Error amplifier DC gain(1)
VSENSE = 0.8 V
800
V/V
Error amplifier unity gain bandwidth(1)
5 pF capacitance from COMP to GND pins
2.7
MHz
Error amplifier source/sink current
V(COMP) = 1.0 V, 100-mV overdrive
±7
μA
Switch current to COMP transconductance
VIN = 12 V
12
A/V
PULSE-SKIPPING ECO-MODE
Pulse-skipping Eco-Mode switch current threshold
160
mA
CURRENT LIMIT
Current limit threshold
VIN = 12 V
4.2
6.5
A
THERMAL SHUTDOWN
Thermal Shutdown
165
°C
SLOW-START (SS PIN)
Charge current
V(SS) = 0.4 V
2
μA
SS to VSENSE matching
V(SS) = 0.4 V
10
mV
(1)
Specified by design
6.6 Switching Characteristics
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS54332 Switching Frequency
VIN = 12 V, 25°C
800
1000
1200
kHz
Minimum controllable on time
VIN = 12 V, 25°C
110
135
ns
Maximum controllable duty ratio(1)
BOOT-PH = 6 V
90%
93%
(1)
Specified by design
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS54332


Similar Part No. - TPS54332_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS543320 TI-TPS543320 Datasheet
3Mb / 43P
[Old version datasheet]   TPS543320 4-V to 18-V Input, 3-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543320RPYR TI-TPS543320RPYR Datasheet
3Mb / 43P
[Old version datasheet]   TPS543320 4-V to 18-V Input, 3-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332DDAR TI1-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
More results

Similar Description - TPS54332_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54232 TI-TPS54232_15 Datasheet
650Kb / 31P
[Old version datasheet]   TPS54232 2-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54233-Q1 TI1-TPS54233-Q1 Datasheet
782Kb / 25P
[Old version datasheet]   2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
TPS54360 TI-TPS54360_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS54360 60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com