Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54320 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54320
Description  TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54320 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS54320 Datasheet HTML 15Page - Texas Instruments TPS54320 Datasheet HTML 16Page - Texas Instruments TPS54320 Datasheet HTML 17Page - Texas Instruments TPS54320 Datasheet HTML 18Page - Texas Instruments TPS54320 Datasheet HTML 19Page - Texas Instruments TPS54320 Datasheet HTML 20Page - Texas Instruments TPS54320 Datasheet HTML 21Page - Texas Instruments TPS54320 Datasheet HTML 22Page - Texas Instruments TPS54320 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
O
ESR
1
z =
C
R
2
¦
´
´
p
O
L
1
p =
C
R
2
¦
´
´
p
ps
L
Adc = gm
R
´
s
1+
2
z
VOUT
= Adc
VC
s
1+
2
p
æ
ö
ç
÷
´ ¦
è
ø
´
æ
ö
ç
÷
´ ¦
è
ø
p
p
VOUT
RESR
CO
RL
VC
gm ps
fp
fz
Adc
VOUT
RESR
CO
R L
VC
gm ps
TPS54320
www.ti.com
SLVS982B – AUGUST 2010 – REVISED NOVEMBER 2014
Feature Description (continued)
Figure 29. Simplified Small Signal Model for Peak Current Mode Control
Figure 30. Simplified Frequency Response for Peak Current Mode Control
(9)
(10)
(11)
where
gmea is the GM amplifier gain (1300 μA/V).
gmps is the power stage gain (12 A/V).
RL is the load resistance.
CO is the output capacitance.
RESR is the equivalent series resistance of the output capacitor.
(12)
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS54320


Similar Part No. - TPS54320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320RHL TI-TPS54320RHL Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320RHLR TI-TPS54320RHLR Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320RHLR TI-TPS54320RHLR Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
More results

Similar Description - TPS54320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com