Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54320 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54320
Description  TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54320 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54320_15 Datasheet HTML 1Page - Texas Instruments TPS54320_15 Datasheet HTML 2Page - Texas Instruments TPS54320_15 Datasheet HTML 3Page - Texas Instruments TPS54320_15 Datasheet HTML 4Page - Texas Instruments TPS54320_15 Datasheet HTML 5Page - Texas Instruments TPS54320_15 Datasheet HTML 6Page - Texas Instruments TPS54320_15 Datasheet HTML 7Page - Texas Instruments TPS54320_15 Datasheet HTML 8Page - Texas Instruments TPS54320_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
PH
PVIN
GND
BOOT
VSENSE
COMP
TPS54320
EN
RT/CLK
SS/TR
Exposed
Thermal
Pad
Css
Rrt
R3
C1
Cboot
Co
Lo
R1
R2
Cin
C2
VIN
VIN
VOUT
PWRGD
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
Load Current - A
VOUT = 5 V
VOUT = 3.3 V
VOUT = 1.8 V
VIN = 12 V,
Fsw = 500 kHz
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS54320
SLVS982B – AUGUST 2010 – REVISED NOVEMBER 2014
TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT™ Converter
1 Features
3 Description
The
TPS54320
is
a
full
featured
17-V,
3-A
1
Integrated 57-m
Ω / 50-mΩ MOSFETs
synchronous step-down converter which is optimized
Split Power Rail: 1.6 to 17 V on PVIN
for
small
designs
through
high
efficiency
and
200-kHz to 1.2-MHz Switching Frequency
integrated high-side and low-side MOSFETs. Further
space savings are achieved through current mode
Synchronizes to External Clock
control, which reduces component count, and by
0.8-V Voltage Reference With ±1% Accuracy
selecting a high switching frequency, reducing the
Low 2-µA Shutdown Quiescent Current
inductor's footprint.
Hiccup Overcurrent Protection
The output voltage startup ramp is controlled by the
Monotonic Start-Up into Prebiased Outputs
SS/TR pin which allows operation as either a stand
alone power supply or in tracking situations. Power
–40°C to 150°C Operating Junction Temperature
sequencing is also possible by correctly configuring
Range
the enable and the open drain power good pins.
Pin-to-Pin Compatible With the TPS54620
Cycle by cycle current limiting on the high-side FET
Adjustable Slow Start/Power Sequencing
protects the device in overload situations and is
Power Good Output for Undervoltage and
enhanced by a low-side sourcing current limit which
Overvoltage Monitoring
prevents current runaway. Hiccup protection will be
Adjustable Input Undervoltage Lockout (UVLO)
triggered if the overcurrent condition has persisted for
longer than the preset time. Thermal shutdown
Supported by SwitcherPro™ Software Tool
disables the part when die temperature exceeds
For SWIFT™ Documentation and SwitcherPro,
thermal shutdown temperature. The TPS54320 is
Visit www.ti.com/swift
available in a 14-pin, 3.5-mm × 3.5-mm VQFN,
thermally-enhanced package.
2 Applications
Device Information(1)
Broadband, Networking, and Communication
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Infrastructure
TPS54320
VQFN (14)
3.50 mm × 3.50 mm
Automated Test and Medical Equipment
(1) For all available packages, see the orderable addendum at
DSP and FPGA Point-of-Load Applications from
the end of the data sheet.
12-V Bus
Simplified Schematic
Efficiency vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS54320_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
More results

Similar Description - TPS54320_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com