Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPL65R070C7 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPL65R070C7
Description  Increased MOSFET dv/dt ruggedness
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL65R070C7 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPL65R070C7 Datasheet HTML 6Page - Infineon Technologies AG IPL65R070C7 Datasheet HTML 7Page - Infineon Technologies AG IPL65R070C7 Datasheet HTML 8Page - Infineon Technologies AG IPL65R070C7 Datasheet HTML 9Page - Infineon Technologies AG IPL65R070C7 Datasheet HTML 10Page - Infineon Technologies AG IPL65R070C7 Datasheet HTML 11Page - Infineon Technologies AG IPL65R070C7 Datasheet HTML 12Page - Infineon Technologies AG IPL65R070C7 Datasheet HTML 13Page - Infineon Technologies AG IPL65R070C7 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
650VCoolMOS™C7PowerTransistor
IPL65R070C7
Rev.2.0,2013-11-06
Final Data Sheet
Diagram9:Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
10
12
0
20
40
60
80
100
120
140
160
150 °C
25 °C
ID=f(VGS);VDS=20V;parameter:Tj
Diagram10:Typ.gatecharge
Qgate[nC]
0
20
40
60
80
0
2
4
6
8
10
12
400 V
120 V
VGS=f(Qgate);ID=8.5Apulsed;parameter:VDD
Diagram11:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
10-1
100
101
102
125 °C
25 °C
IF=f(VSD);parameter:Tj
Diagram12:Avalancheenergy
Tj[°C]
25
50
75
100
125
150
0
20
40
60
80
100
120
140
160
180
EAS=f(Tj);ID=10.2A;VDD=50V


Similar Part No. - IPL65R070C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R065CFD7 INFINEON-IPL65R065CFD7 Datasheet
1Mb / 14P
   650V CoolMOSª CFD7 SJ Power Device
Rev. 2.0, 2021-07-28
IPL65R095CFD7 INFINEON-IPL65R095CFD7 Datasheet
1Mb / 14P
   650V CoolMOS짧 CFD7 SJ Power Device
Rev. 2.0, 2021-07-28
IPL65R099C7 INFINEON-IPL65R099C7 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2013-11-05
More results

Similar Description - IPL65R070C7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R099C7 INFINEON-IPL65R099C7 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2013-11-05
IPA60R125P6 INFINEON-IPA60R125P6 Datasheet
2Mb / 18P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2014-03-07
IPL65R195C7 INFINEON-IPL65R195C7 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2013-11-06
IPA60R099P6 INFINEON-IPA60R099P6 Datasheet
2Mb / 18P
   Increased MOSFET dv/dt ruggedness
Rev.2.1,2015-05-18
IPL60R255P6 INFINEON-IPL60R255P6 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2014-05-16
logo
STMicroelectronics
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
   Extremely high dv/dt ruggedness
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
   Extremely high dv/dt ruggedness
September 2015 Rev 1
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
   Extremely high dv/dt ruggedness
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STP45N60DM2AG STMICROELECTRONICS-STP45N60DM2AG Datasheet
420Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com