Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54310 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54310
Description  3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54310 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54310_15 Datasheet HTML 1Page - Texas Instruments TPS54310_15 Datasheet HTML 2Page - Texas Instruments TPS54310_15 Datasheet HTML 3Page - Texas Instruments TPS54310_15 Datasheet HTML 4Page - Texas Instruments TPS54310_15 Datasheet HTML 5Page - Texas Instruments TPS54310_15 Datasheet HTML 6Page - Texas Instruments TPS54310_15 Datasheet HTML 7Page - Texas Instruments TPS54310_15 Datasheet HTML 8Page - Texas Instruments TPS54310_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS54310
www.ti.com
SLVS412E – DECEMBER 2001 – REVISED DECEMBER 2014
7.5 Dissipation Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
TA = 25°C
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
POWER RATING
POWER RATING
20-Pin PWP with solder
3.85 W(3)
2.12 W
1.54 W
20-Pin PWP without solder
1.73 W
0.96 W
0.69 W
(1)
For more information on the PWP package, refer to TI technical brief, literature number SLMA002.
(2)
Test board conditions:
(a) 3 inch × 3 inch, 2 layers, Thickness: 0.062 inch
(b) 1.5 oz copper traces located on the top of the PCB
(c) 1.5 oz copper ground plane on the bottom of the PCB
(d) Ten thermal vias (see recommended land pattern in application section of this data sheet)
(3)
Maximum power dissipation may be limited by overcurrent protection.
7.6 Electrical Characteristics
TJ = –40°C to 125°C, VIN = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
VIN input voltage range
3
6
V
fs = 350 kHz, SYNC = 0.8 V, RT open
6.2
9.6
fs = 550 kHz, SYNC ≥ 2.5 V, RT open, phase pin
8.4
12.8
Quiescent current
mA
open
Shutdown, SS/ENA = 0 V
1
1.4
UNDER VOLTAGE LOCK OUT
Start threshold voltage, UVLO
2.95
3
V
Stop threshold voltage, UVLO
2.70
2.80
Hysteresis voltage, UVLO
0.14
0.16
V
Rising and falling edge deglitch, UVLO(1)
2.5
µs
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.70
2.80
2.90
V
VO
Output current, VBIAS(2)
100
µA
CUMULATIVE REFERENCE
Vref
Accuracy
0.882
0.891
0.900
V
REGULATION
IL = 1.5 A, fs = 350 kHz, TJ = 85°C
0.07
Line regulation(1) (3)
%/V
IL = 1.5 A, fs = 550 kHz, TJ = 85°C
0.07
IL = 0 A to 3 A, fs = 350 kHz, TJ = 85°C
0.03
Load regulation(1) (3)
%/A
IL = 0 A to 3 A, fs = 550 kHz, TJ = 85°C
0.03
OSCILLATOR
SYNC
≤ 0.8 V, RT open
280
350
420
Internally set free-running frequency range
kHz
SYNC
≥ 2.5 V, RT open
440
550
660
RT = 180 k
Ω (1% resistor to AGND)(1)
252
280
308
Externally set free-running frequency range
RT = 100 k
Ω (1% resistor to AGND)
460
500
540
kHz
RT = 68 k
Ω (1% resistor to AGND)(1)
663
700
762
High-level threshold voltage, SYNC
2.5
V
Low-level threshold voltage, SYNC
0.8
V
Pulse duration, SYNC(1)
50
Frequency range, SYNC(1)
330
700
kHz
Ramp valley(1)
0.75
V
(1)
Specified by the circuit used in Figure 10.
(2)
Static resistive loads only
(3)
Specified by design
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54310


Similar Part No. - TPS54310_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
More results

Similar Description - TPS54310_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com