Electronic Components Datasheet Search |
|
SI5418DU Datasheet(PDF) 2 Page - Vishay Telefunken |
|
SI5418DU Datasheet(HTML) 2 Page - Vishay Telefunken |
2 / 9 page www.vishay.com 2 Document Number: 69822 S-81448-Rev. B, 23-Jun-08 Vishay Siliconix Si5418DU New Product Notes: a. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %. b. Guaranteed by design, not subject to production testing. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS TJ = 25 °C, unless otherwise noted Parameter Symbol Test Conditions Min. Typ. Max. Unit Static Drain-Source Breakdown Voltage VDS VGS = 0 V, ID = 250 µA 30 V VDS Temperature Coefficient ΔV DS/TJ ID = 250 µA 40 mV/°C VGS(th) Temperature Coefficient ΔV GS(th)/TJ - 7 Gate-Source Threshold Voltage VGS(th) VDS = VGS, ID = 250 µA 1.2 3 V Gate-Source Leakage IGSS VDS = 0 V, VGS = ± 20 V ± 100 nA Zero Gate Voltage Drain Current IDSS VDS = 30 V, VGS = 0 V 1 µA VDS = 30 V, VGS = 0 V, TJ = 55 °C 10 On-State Drain Currenta ID(on) VDS ≥ 5 V, VGS = 10 V 20 A Drain-Source On-State Resistancea RDS(on) VGS = 10 V, ID = 7.7 A 0.012 0.0145 Ω VGS = 4.5 V, ID = 6.9 A 0.015 0.0185 Forward Transconductancea gfs VDS = 15 V, ID = 7.7 A 31 S Dynamicb Input Capacitance Ciss VDS = 15 V, VGS = 0 V, f = 1 MHz 1350 pF Output Capacitance Coss 190 Reverse Transfer Capacitance Crss 80 Total Gate Charge Qg VDS = 15 V, VGS = 10 V, ID = 11.6 A 20 30 nC VDS = 15 V, VGS = 4.5 V, ID = 11.6 A 9.5 15 Gate-Source Charge Qgs 4.5 Gate-Drain Charge Qgd 2.7 Gate Resistance Rg f = 1 MHz 3.5 Ω Turn-On Delay Time td(on) VDD = 15 V, RL = 1.6 Ω ID ≅ 9.3 A, VGEN = 4.5 V, Rg = 1 Ω 20 30 ns Rise Time tr 10 15 Turn-Off Delay Time td(off) 20 30 Fall Time tf 10 15 Turn-On Delay Time td(on) VDD = 15 V, RL = 1.6 Ω ID ≅ 9.3 A, VGEN = 10 V, Rg = 1 Ω 10 15 Rise Time tr 10 15 Turn-Off Delay Time td(off) 20 30 Fall Time tf 10 15 Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current IS TC = 25 °C 12 A Pulse Diode Forward Current ISM 40 Body Diode Voltage VSD IS = 9.3 A, VGS = 0 V 0.8 1.2 V Body Diode Reverse Recovery Time trr IF = 9.3 A, dI/dt = 100 A/µs, TJ = 25 °C 25 40 ns Body Diode Reverse Recovery Charge Qrr 19 30 nC Reverse Recovery Fall Time ta 14 ns Reverse Recovery Rise Time tb 11 |
Similar Part No. - SI5418DU |
|
Similar Description - SI5418DU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |