Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKD10N60RF Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IKD10N60RF
Description  IGBT with integrated diode in packages offering space saving advantage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKD10N60RF Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IKD10N60RF_14 Datasheet HTML 5Page - Infineon Technologies AG IKD10N60RF_14 Datasheet HTML 6Page - Infineon Technologies AG IKD10N60RF_14 Datasheet HTML 7Page - Infineon Technologies AG IKD10N60RF_14 Datasheet HTML 8Page - Infineon Technologies AG IKD10N60RF_14 Datasheet HTML 9Page - Infineon Technologies AG IKD10N60RF_14 Datasheet HTML 10Page - Infineon Technologies AG IKD10N60RF_14 Datasheet HTML 11Page - Infineon Technologies AG IKD10N60RF_14 Datasheet HTML 12Page - Infineon Technologies AG IKD10N60RF_14 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
IKD10N60RF
TRENCHSTOPTMRC-DrivesFastSeries
Rev.2.4,2014-03-12
Figure 9.
Typicalswitchingtimesasafunctionof
collectorcurrent
(inductiveload,Tvj=175°C,VCE=400V,
VGE=15/0V,rG=26
Ω,Dynamictestcircuitin
Figure E)
IC,COLLECTORCURRENT[A]
5.0
7.5
10.0
12.5
15.0
17.5
20.0
1
10
100
td(off)
tf
td(on)
tr
Figure 10.
Typicalswitchingtimesasafunctionofgate
resistor
(inductiveload,Tvj=175°C,VCE=400V,
VGE=15/0V,IC=10A,Dynamictestcircuitin
Figure E)
rG,GATERESISTOR[
Ω]
0
10 20 30 40 50 60 70 80 90 100 110
1
10
100
1000
td(off)
tf
td(on)
tr
Figure 11.
Typicalswitchingtimesasafunctionof
junctiontemperature
(inductiveload,VCE=400V,VGE=15/0V,
IC=10A,rG=26
Ω,Dynamictestcircuitin
Figure E)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
10
100
td(off)
tf
td(on)
tr
Figure 12.
Gate-emitterthresholdvoltageasafunction
ofjunctiontemperature
(IC=0,17mA)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
1
2
3
4
5
6
7
typ.
min.
max.


Similar Part No. - IKD10N60RF_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD10N60RFA INFINEON-IKD10N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
More results

Similar Description - IKD10N60RF_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AIHD04N60RF INFINEON-AIHD04N60RF Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
V2.1 2017-02-09
IKD04N60R INFINEON-IKD04N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD06N60R INFINEON-IKD06N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD15N60R INFINEON-IKD15N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
IKD03N60RF INFINEON-IKD03N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD04N60RF INFINEON-IKD04N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
AIHD15N60RF INFINEON-AIHD15N60RF Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
V2.1 2017-02-09
IKD10N60R INFINEON-IKD10N60R_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD15N60RF INFINEON-IKD15N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.3,2014-03-12
IKD06N60RF INFINEON-IKD06N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com