Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKD10N60R Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IKD10N60R
Description  IGBT with integrated diode in packages offering space saving advantage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKD10N60R Datasheet(HTML) 4 Page - Infineon Technologies AG

  IKD10N60R Datasheet HTML 1Page - Infineon Technologies AG IKD10N60R Datasheet HTML 2Page - Infineon Technologies AG IKD10N60R Datasheet HTML 3Page - Infineon Technologies AG IKD10N60R Datasheet HTML 4Page - Infineon Technologies AG IKD10N60R Datasheet HTML 5Page - Infineon Technologies AG IKD10N60R Datasheet HTML 6Page - Infineon Technologies AG IKD10N60R Datasheet HTML 7Page - Infineon Technologies AG IKD10N60R Datasheet HTML 8Page - Infineon Technologies AG IKD10N60R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
IKD10N60R
TRENCHSTOPTMRC-Seriesforhardswitchingapplications
Rev.2.5,2014-03-12
Maximumratings
Parameter
Symbol
Value
Unit
Collector-emittervoltage,Tvj
≥25°C
VCE
600
V
DCcollectorcurrent,limitedbyTvjmax
TC=25°C
TC=100°C
IC
20.0
10.0
A
Pulsedcollectorcurrent,tplimitedbyTvjmax
ICpuls
30.0
A
Turn off safe operating area
VCE
≤600V,Tvj≤175°C,tp=1µs
-
30.0
A
Diodeforwardcurrent,limitedbyTvjmax
TC=25°C
TC=100°C
IF
20.0
10.0
A
Diodepulsedcurrent,tplimitedbyTvjmax
IFpuls
30.0
A
Gate-emitter voltage
VGE
±20
V
Short circuit withstand time
VGE=15.0V,VCC
≤400V
Allowed number of short circuits < 1000
Time between short circuits:
≥ 1.0s
Tvj=150°C
tSC
5
µs
PowerdissipationTC=25°C
Ptot
150.0
W
Operating junction temperature
Tvj
-40...+175
°C
Storage temperature
Tstg
-55...+150
°C
Soldering temperature,
reflow soldering (MSL1 according to JEDEC J-STA-020)
260
°C
ThermalResistance
Parameter
Symbol Conditions
Max.Value
Unit
Characteristic
IGBT thermal resistance,
1)
junction - case
Rth(j-c)
1.00
K/W
Diode thermal resistance,
2)
junction - case
Rth(j-c)
2.60
K/W
Thermal resistance, min. footprint
junction - ambient
Rth(j-a)
75
K/W
Thermal resistance, 6cm² Cu on
PCB
junction - ambient
Rth(j-a)
50
K/W
1) Rth/Zth based on single cooling pulse. Please be aware that a correct Rth measurement of the IGBT, is not possible using a thermocouple.
2) Rth/Zth based on single cooling pulse. Please be aware that a correct Rth measurement of the Diode, is not possible using a thermocouple.


Similar Part No. - IKD10N60R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD10N60R INFINEON-IKD10N60R Datasheet
886Kb / 16P
   ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
IKD10N60R INFINEON-IKD10N60R Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
IKD10N60RA INFINEON-IKD10N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.2,2014-02-28
IKD10N60RF INFINEON-IKD10N60RF Datasheet
886Kb / 16P
   ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
IKD10N60RF INFINEON-IKD10N60RF Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
More results

Similar Description - IKD10N60R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AIHD04N60RF INFINEON-AIHD04N60RF Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
V2.1 2017-02-09
IKD04N60R INFINEON-IKD04N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD06N60R INFINEON-IKD06N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD15N60R INFINEON-IKD15N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
IKD03N60RF INFINEON-IKD03N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD04N60RF INFINEON-IKD04N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
AIHD15N60RF INFINEON-AIHD15N60RF Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
V2.1 2017-02-09
IKD10N60RF INFINEON-IKD10N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
IKD15N60RF INFINEON-IKD15N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.3,2014-03-12
IKD06N60RF INFINEON-IKD06N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com