Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWS505_V2 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS505_V2
Description  GaAs 1-6 GHz SPDT Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS505_V2 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS505_V2 Datasheet HTML 1Page - Hexawave, Inc HWS505_V2 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HWS505
GaAs 1-6 GHz SPDT Switch
May 2011
V2
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Typical Performance Data with 8pF
Capacitors @ +25°C
Insertion loss vs. Frequency
-0.6
-0.5
-0.4
-0.3
-0.2
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
Isolation vs. Frequency
-35
-30
-25
-20
-15
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
Input return loss vs. Frequency
-30
-25
-20
-15
-10
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
+32 dBm @ +3V
Control Voltage
+6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Electrostatic Discharge
Machine Model
Class M1
Pin Out (Top View)
GND
RF2
3
2
1
5
6
RFC
4
RF1
VC1
VC2
CB
CB
CB
Note:
1. DC blocking capacitors CB=8pF are required on all
RF ports.
2. Exposed pad in the bottom must be connected to
ground by via holes.
Logic Table for Switch On-Path
VC1
VC2
RFC-RF1
RFC-RF2
1
0
On
Off
0
1
Off
On
‘1’ = +2.7V to +5V
‘0’ = 0V to +0.2V


Similar Part No. - HWS505_V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS50-12 ETC2-HWS50-12 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS50-12/HD TDK-HWS50-12/HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
logo
List of Unclassifed Man...
HWS50-12A ETC2-HWS50-12A Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS50-12A TDK-HWS50-12A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
logo
List of Unclassifed Man...
HWS50-15 ETC2-HWS50-15 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
More results

Similar Description - HWS505_V2

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS398 HW-HWS398 Datasheet
116Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS468 HW-HWS468 Datasheet
141Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS468_V2 HW-HWS468_V2_15 Datasheet
60Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS466_V5 HW-HWS466_V5_15 Datasheet
61Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS506_V4 HW-HWS506_V4 Datasheet
90Kb / 3P
   GaAs 0.5 -6 GHz SPDT Switch
HWS504_V3 HW-HWS504_V3 Datasheet
74Kb / 3P
   GaAs 2-6 GHz SPDT Switch
HWS466 HW-HWS466 Datasheet
72Kb / 2P
   GaAs DC-6 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com