Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDW50E60 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDW50E60
Description  Qualified according to JEDEC for target applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW50E60 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDW50E60 Datasheet HTML 1Page - Infineon Technologies AG IDW50E60 Datasheet HTML 2Page - Infineon Technologies AG IDW50E60 Datasheet HTML 3Page - Infineon Technologies AG IDW50E60 Datasheet HTML 4Page - Infineon Technologies AG IDW50E60 Datasheet HTML 5Page - Infineon Technologies AG IDW50E60 Datasheet HTML 6Page - Infineon Technologies AG IDW50E60 Datasheet HTML 7Page - Infineon Technologies AG IDW50E60 Datasheet HTML 8Page - Infineon Technologies AG IDW50E60 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
IDW50E60
EmitterControlledDiodeseries
Rev.2.2,2014-02-24
FastSwitchingEmitterControlledDiode

Features:
•QualifiedaccordingtoJEDECfortargetapplications
•600VEmitterControlledtechnology
•Fastrecovery
•Softswitching
•Lowreverserecoverycharge
•Lowforwardvoltage
•175°Cjunctionoperatingtemperature
•Easyparalleling
•Pb-freeleadplating;RoHScompliant
Applications:
•SwitchingdiodeforPFCapplicationswithoperatingrangeupto
30kHz
Packagepindefinition:
•Pin1-notconnected
•Pin2-cathode
•Pin3-anode
A
C
1
2
3
KeyPerformanceandPackageParameters
Type
Vrrm
If
Vf,Tvj=25°C
Tvjmax
Marking
Package
IDW50E60
600V
50A
1.65V
175°C
D50E60
PG-TO247-3


Similar Part No. - IDW50E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW100E60 INFINEON-IDW100E60 Datasheet
165Kb / 6P
   Fast Switching EmCon Diode
Rev. 1.1 Mar 06
IDW100E60 INFINEON-IDW100E60 Datasheet
188Kb / 7P
   Fast Switching EmCon Diode
Rev. 2.1 Nov 09
IDW100E60 INFINEON-IDW100E60_09 Datasheet
188Kb / 7P
   Fast Switching EmCon Diode
Rev. 2.1 Nov 09
IDW100E60 INFINEON-IDW100E60_14 Datasheet
303Kb / 7P
   Fast Switching Emitter Controlled Diode
Rev. 2.3 20.09.2013
IDW10G120C5B INFINEON-IDW10G120C5B Datasheet
815Kb / 10P
   Revolutionary semiconductor material - Silicon Carbide
Rev. 2.0 2014-06-10
More results

Similar Description - IDW50E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW15E65D2 INFINEON-IDW15E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-26
IDP40E65D2 INFINEON-IDP40E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-03-31
IDP08E65D2 INFINEON-IDP08E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-28
IDP15E65D2 INFINEON-IDP15E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-26
IDW40E65D2 INFINEON-IDW40E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.1,2013-12-16
IHW50N65R5 INFINEON-IHW50N65R5 Datasheet
1Mb / 15P
   Qualified according to JESD-022 for target applications
Rev.2.3,2014-12-16
IPD03N03LA INFINEON-IPD03N03LA Datasheet
304Kb / 9P
   Ideal for high-frequency dc/dc converters Qualified according to JEDEC for target applications
Rev. 0.93 2004-10-27
logo
P-tec Corporation
PDC562SM-CXMRGB1 P-TEC-PDC562SM-CXMRGB1 Datasheet
1Mb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
PDC56SM-CXMRGB1 P-TEC-PDC56SM-CXMRGB1 Datasheet
940Kb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
PDC563SM-CXMRGB1 P-TEC-PDC563SM-CXMRGB1 Datasheet
1Mb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com