Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1539CDL Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SI1539CDL
Description  N- and P-Channel 30 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1539CDL Datasheet(HTML) 5 Page - Vishay Telefunken

  SI1539CDL Datasheet HTML 1Page - Vishay Telefunken SI1539CDL Datasheet HTML 2Page - Vishay Telefunken SI1539CDL Datasheet HTML 3Page - Vishay Telefunken SI1539CDL Datasheet HTML 4Page - Vishay Telefunken SI1539CDL Datasheet HTML 5Page - Vishay Telefunken SI1539CDL Datasheet HTML 6Page - Vishay Telefunken SI1539CDL Datasheet HTML 7Page - Vishay Telefunken SI1539CDL Datasheet HTML 8Page - Vishay Telefunken SI1539CDL Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Document Number: 67469
S11-0238-Rev. A, 14-Feb-11
www.vishay.com
5
Vishay Siliconix
Si1539CDL
N-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
0.0
0.3
0.6
0.9
1.2
1.5
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
1.2
1.4
1.6
1.8
2
- 50
- 25
0
25
50
75
100
125
150
T
J -Temperature (°C)
I
D = 250 μA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0
0.2
0.4
0.6
0.8
2468
10
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 0.6 A
0
1.6
3.2
4.8
6.4
0.001
0.01
0.1
1
10
Time (s)
Safe Operating Area, Junction-to-Ambient
0.01
0.1
1
10
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 ms
Limited by R
DS(on)*
1 ms
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 μs
1 s
10 s, DC


Similar Part No. - SI1539CDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1539CDL VISHAY-SI1539CDL Datasheet
241Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. A, 14-Feb-11
SI1539CDL VISHAY-SI1539CDL Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1539CDL-T1-GE3 VBSEMI-SI1539CDL-T1-GE3 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1539CDL-T1-GE3 VISHAY-SI1539CDL-T1-GE3 Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1539CDL VISHAY-SI1539CDL_V01 Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1539CDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com