Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54225-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54225-Q1
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54225-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54225-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS54225-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TPS54225-Q1
SLVSAV9
– JUNE 2011
www.ti.com
There are some important considerations for this type of over-current protection. The load current one half of the
peak-to-peak inductor current higher than the over-current threshold. Also when the current is being limited, the
output voltage tends to fall as the demanded load current may be higher than the current available from the
converter. This may cause the output under-voltage protection circuit to be activated. When the over current
condition is removed, the output voltage will return to the regulated value. This protection is non-latching.
Over/Undervoltage Protection
The TPS54225-Q1 detects over and undervoltage conditions by monitoring the feedback voltage (VFB). This
function is enabled after approximately 1.7 times the soft-start time.When the feedback voltage becomes higher
than 120% of the target voltage, the OVP comparator output goes high and the circuit latches the high-side
MOSFET driver turns off and the low-side MOSFET turns on. When the feedback voltage becomes lower than
70% of the target voltage, the UVP comparator output goes high and an internal UVP delay counter begins. After
250
μs, the device latches off both internal top and bottom MOSFET.
UVLO Protection
Undervoltage lock out protection (UVLO) monitors the voltage of the VREG5 pin. When the VREG5 voltage is lower
than UVLO threshold voltage, the TPS54225-Q1 is shut off. This is protection is non-latching.
Thermal Shutdown
Thermal protection is self-activating. If the junction temperature exceeds the threshold value (typically 150
°C),
the TPS54225-Q1 shuts off. This protection is non-latching.
8
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS54225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
More results

Similar Description - TPS54225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226 Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54326 TI-TPS54326 Datasheet
880Kb / 22P
[Old version datasheet]   4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com